| Electronic Components Datasheet Search |
|
UPD77533 Datasheet(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD77533 Datasheet(HTML) 39 Page - Renesas Technology Corp |
|
39 / 104 page ![]() Data Sheet S15671EJ4V0DS 37 µµµµPD77533 11. COMMAND TYPES AND RESPONSES The µPD77533 executes the commands received from the host CPU or LS and returns a response. Commands issued from the LS are called server commands and those issued by the host CPU are called local commands. The command acknowledgement issued from the µPD77533 to the LS or host CPU is called a response. 11.1 Commands The following three types of commands are used. Table 11-1. Command Types Type Issued by Function Local command Host CPU Used for setting, controlling, and obtaining the current status of the µPD77533. These commands are issued by the host CPU, which also receives the response from the µPD77533. The LS is not involved in this operation. Extension command Host CPU Provided to extend the local commands. These commands are issued by the host CPU, which also receives the response from the µPD77533. The LS is not involved in this operation. Server command LS Used for positioning. These commands are issued by the LS, which also receives the response from the µPD77533. The host CPU converts the data format (into/from packets) and operates as the mediator in the command/response communication between the µPD77533 and the LS. Some server commands must also be processed the host CPU. Figure 11-1. Relationship Between Commands and Function Blocks 11.2 Responses There are two types of responses: those sent in response to a command, and those sent by the µPD77533 spontaneously. For the former, there is not necessarily one response per command; there are commands for which multiple responses are returned, or for which no response is returned. For the latter, the response transmission timing is undefined, so the host CPU must always be in a state in which it can receive responses from the µPD77533. 12. PACKET AND COMMAND FORMAT Data is transferred between the µPD77533 and the host CPU in the form of packets. The data is 8-bit binary data (little endian), and does not necessarily consist only of ASCII characters. PD77533 µ Host CPU LS Server command Mediates server command communication, including performing packet/de-packet processing Server command Local command, extension command |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |