Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD77533 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # UPD77533
Description  MOS INTEGRATED CIRCUIT
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD77533 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button UPD77533 Datasheet HTML 22Page - Renesas Technology Corp UPD77533 Datasheet HTML 23Page - Renesas Technology Corp UPD77533 Datasheet HTML 24Page - Renesas Technology Corp UPD77533 Datasheet HTML 25Page - Renesas Technology Corp UPD77533 Datasheet HTML 26Page - Renesas Technology Corp UPD77533 Datasheet HTML 27Page - Renesas Technology Corp UPD77533 Datasheet HTML 28Page - Renesas Technology Corp UPD77533 Datasheet HTML 29Page - Renesas Technology Corp UPD77533 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
Data Sheet S15671EJ4V0DS
24
µµµµPD77533
5. POSITIONING CONTROL
An outline of the positioning flow is shown in Figure 5-1 below.
Caution ACK and NACK have been omitted from the figure.
The ADC power can also be controlled by the RFON pin, but care must be taken with the control
logic.
Figure 5-1. Outline of Positioning Control
PB1005K
µ
PD77533
µ
ADC
TCXO
Mobile
specified RAM
Host CPU
LS
Power off
Power off
Power off
Power off
Power off
Power on
Power on
(CLK off)
Power on
Initialization
Settings
Power ON
RESETB
Settings
Commands preset for positioning
. Character Timeout
. FCC Reference Frequency
. TXACTV Control
. Frequency Calibration Control
. Flow Point Control
(Processing End) output setting
Power off
Power off
Power off
Power off
Positioning response (!jm)
Positioning directive
($JM)
RFON = 1
AGC, DCOFF
output starts
(CLK on)
Power on
ADC, DCOFF
start
RFON = 0
AGC, DCOFF
output stops
(CLK off)
RF block ON
SnapShot (GPS signal reception)
Power off
ADC, DCOFF
stop
RF block ON
Pseudo range
calculation
Calculation result
(!hd)
Power off
After receiving the positioning
directive ($JM) from the LS
(location server), the PD77533
may repeat the processing inside
the dotted lines (the processing
from when ADSCK output starts to
when the calculation result (!hd) is
sent) (for the number of repetitions
specified by the LS).
Pin input
Command input
Remark
Power on
µ
ADSCK output starts
ADSCK output stops
Positioning end notification (Processing End)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com