Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6240 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6240
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6240 Datasheet HTML 1Page - Micro Analog systems MAS6240 Datasheet HTML 2Page - Micro Analog systems MAS6240 Datasheet HTML 3Page - Micro Analog systems MAS6240 Datasheet HTML 4Page - Micro Analog systems MAS6240 Datasheet HTML 5Page - Micro Analog systems MAS6240 Datasheet HTML 6Page - Micro Analog systems MAS6240 Datasheet HTML 7Page - Micro Analog systems MAS6240 Datasheet HTML 8Page - Micro Analog systems MAS6240 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DA6240.001
20 November 2006
2 (10)
BLOCK & APPLICATION DIAGRAM
1x/2x/3x Charge Pump
VOUT
CP1
CN1
VIN (3V)
GND
DIN
Control
Logic
Oscillator
1MHz
0.1uF
0.1uF
0.1uF
EN1
PIEZO SOUNDER
CP2
CN2
0.1uF
EN2
Short Circuit
Protection
VO1
VO2
Figure 1: Charge Pump + Single End Piezo Driver (max 9Vpp)
1x/2x/3x Charge Pump
VOUT
CP1
CN1
VIN (3V)
GND
DIN
Control
Logic
Oscillator
1MHz
0.1uF
0.1uF
0.1uF
EN1
PIEZO SOUNDER
CP2
CN2
0.1uF
EN2
Short Circuit
Protection
VO1
VO2
Figure 2: Charge Pump + Differential Piezo Driver (max 18Vpp)
Table 1 Charge Pump boosting mode selection
DIN
EN1
EN2
Charge Pump
0
-
-
OFF
1
0
0
OFF
1
0
1
1x Mode (VIN)
1
1
0
2x Mode (2xVIN)
1
1
1
3x Mode (3xVIN)
Note: Pulsed signal at digital input DIN is taken as “1” if pulse low time is less than 10 ms!



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com