Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6240 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6240
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6240 Datasheet HTML 1Page - Micro Analog systems MAS6240 Datasheet HTML 2Page - Micro Analog systems MAS6240 Datasheet HTML 3Page - Micro Analog systems MAS6240 Datasheet HTML 4Page - Micro Analog systems MAS6240 Datasheet HTML 5Page - Micro Analog systems MAS6240 Datasheet HTML 6Page - Micro Analog systems MAS6240 Datasheet HTML 7Page - Micro Analog systems MAS6240 Datasheet HTML 8Page - Micro Analog systems MAS6240 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DA6240.001
20 November 2006
3 (10)
PIN DESCRIPTION
Pin Description
Symbol
Type
X-coordinate
Y-coordinate
Control signal input for setting charge pump mode
EN1
DI
152 µm
989 µm
Control signal input for setting charge pump mode
EN2
DI
152 µm
804 µm
Enable signal + Digital signal input
DIN
DI
152 µm
588 µm
Flying capacitor negative terminal
CN1
I/O
672 µm
200 µm
Supply ground
GND
G
808 µm
202 µm
Digital audio signal output
VO2
DO
980 µm
225 µm
Digital audio signal output
VO1
DO
980 µm
378 µm
Flying capacitor negative terminal
CN2
I/O
980 µm
558 µm
Flying capacitor positive terminal
CP1
I/O
980 µm
711 µm
Charge pump output
VOUT
AO
765 µm
1000 µm
Flying capacitor positive terminal
CP2
I/O
612 µm
1000 µm
Power supply
VIN
P
447 µm
999 µm
G = Ground, P = Power, D = Digital, A = Analog, I = Input, O = Output.
Note: Because the substrate of the die is internally connected to GND, the die has to be connected to GND or
left floating. Please make sure that GND is the first pad to be bonded. Pick-and-place and all component
assembly are recommended to be performed in ESD protected area.
Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
Note: See IC outlines on a page 6 for IC layout.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VIN
-0.3
5.5
V
Outputs and Flying
Capacitors Pins Voltages
VOUT,
CP1, CP2,
CN1, CN2,
VO1, VO2
-0.3
10
V
Voltage Range for Input
Pins
DIN,
EN1, EN2
-0.3
VIN + 0.3
V
VOUT Short-Circuit
Duration
tSC
Note 1
Indefinite
Storage Temperature
-55
+150
oC
ESD Rating
Human Body Model (HBM)
1
kV
NOTE 1. SHORT CIRCUIT CURRENT INTERNALLY LIMITED.
RECOMMENDED OPERATING CONDITIONS
All voltages with respect to ground.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Junction
Temperature
TJ
-40
+125
°C
Operating Ambient
Temperature
TA
-40
+27
+85
°C
Operating Supply Voltage
VIN
2.5
3.0
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com