Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6240 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS6240
Description  Piezo Driver with Multi-Mode Charge Pump
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6240 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS6240 Datasheet HTML 2Page - Micro Analog systems MAS6240 Datasheet HTML 3Page - Micro Analog systems MAS6240 Datasheet HTML 4Page - Micro Analog systems MAS6240 Datasheet HTML 5Page - Micro Analog systems MAS6240 Datasheet HTML 6Page - Micro Analog systems MAS6240 Datasheet HTML 7Page - Micro Analog systems MAS6240 Datasheet HTML 8Page - Micro Analog systems MAS6240 Datasheet HTML 9Page - Micro Analog systems MAS6240 Datasheet HTML 10Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DA6240.001
20 November 2006
6 (10)
IC OUTLINES
EN1
EN2
DIN
CP1
CN2
VO1
VO2
MAS6240
1130 µ
µ
µ
µ
m
DIE size = 1.13 x 1.20 mm; PAD size = 80 x 80 µm
DEVICE OUTLINE CONFIGURATION
1
4
7
10
1234
GAv
YWW
QFN 3x3 12ld
Top Marking Information:
1234 = Product Number
Av = Version Number
G = Lead Free, RoHS Compliant Package
YWW = Year Week
Pin nr.
Pin Name
Pin nr.
Pin Name
Pin nr.
Pin Name
Pin nr.
Pin Name
1
EN1
4
CN1
7
VO1
10
VOUT
2
EN2
5
GND
8
CN2
11
CP2
3
DIN
6
VO2
9
CP1
12
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com