Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD161401W/P Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD161401W/P
Description  MOS INTEGRATED CIRCUIT
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD161401W/P Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD161401W/P Datasheet HTML 35Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 36Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 37Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 38Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 39Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 40Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 41Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 42Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
Data Sheet S15726EJ2V0DS
37
µµµµPD161401
5.6 Power Supply Circuit
5.6.1 Power supply circuit
The power supply circuit generates the voltage necessary for driving the LCD. The power circuit consists of a booster
circuit, voltage regulator circuit, and voltage follower circuit.
Power system control register 1 (R52) turns ON/OFF the transformer, reference voltage generator, voltage regulator
circuit (V regulator circuit), and voltage follower circuit (V/F circuit). Part of the internal power supply function and an
external power supply can be used in combination. Table 5
−−−−12 shows the functions controlled by the 4-bit data of
power system control register 1 (R52). Table 5
−−−−13 shows examples of combinations of the power circuit functions.
Table 5
−−−−12. Function of Each Bit of Power System Control Register
Status
Item
10
OP3
: Booster circuit control bit
ON
OFF
OP2
: Reference voltage generator control bit
ON
OFF
OP1
: Voltage regulator circuit (V regulator circuit) control bit
ON
OFF
OP0
: Voltage follower circuit (V/F circuit) control bit
ON
OFF
Table 5
−−−−13. Examples of Combinations (Reference Values)
Status
OP3
OP2
OP1
OP0
Booster
Circuit
Reference
voltage
V Regulator
Circuit
V/F
Circuit
External
Power Input
Booster
System Pins
<1> Only internal power supply is
used
11
11
ΟΟ
ΟΟ
VDD2
Used
<2> External VOUT power supply
0
1
1
1
×Ο
Ο
Ο
VDD2, VOUT
Open
<3> Only V/F circuit is used
1
0
0
1
Ο×
×
Ο
VDD2,
AMPOUT
Used
<4> Only external power supply is
used
00
00
××
×
×
VDD2, VOUT,
VLCD,
VLC1 to VLC4
Open
Remarks 1. The “booster system pins” are the C1
+, C1− to C5+, C5− pins.
2. All the power circuits are turned OFF when the
µPD161401 serves as a slave (M,/S pin = L).
5.6.2 Booster circuit
The power supply circuit has an internal booster circuit that increases the LCD driver voltage two- to seven-fold.
Because this booster circuit uses the internal oscillator signals, either the oscillator must be operating or an external
display clock must be input to operate this circuit.
The booster circuit usually uses the C1
+, C1− to C5+, C5− pins and VDD2 pins. Keep the wiring impedance of these pins
as low as possible. The number of boosting steps for main duty display and sub-duty display is set as shown in Table
5
−−−−14 by the MBTn and SBTn flags of power system control register 4 (R55).
For the number of boosting steps and how to connect capacitors, refer to Figure 5
−−−−15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com