| Electronic Components Datasheet Search |
|
UPD161401W/P Datasheet(PDF) 66 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD161401W/P Datasheet(HTML) 66 Page - Renesas Technology Corp |
|
66 / 126 page ![]() Data Sheet S15726EJ2V0DS 64 µµµµPD161401 6.1 Control Register 1 (R0) This command specifies the general operation mode of the µPD161401. RS E /RD R,/W /WR D7 D6 D5 D4 D3 D2 D1 D0 1 1 0 TRON WAS COMF DISP STBY HALT ADC COMR TRON 0: Normal mode (all values written to the test register are ignored) 1: Test register valid mode (values written to the test register are valid) WAS 0: Normal data write mode 1: Window access mode (Refer to 5.2.7 Arbitrary address area access (window access mode (WAS)).) COMF 0: Normal display operation 1: All output from common pins is OFF (all the common pins output a non-selected waveform. At this time, the segment pins output OFF data (level 0)). DISP 0: Display OFF (All the LCD output pins output a VSS level, and the oscillator and DC/DC converter operate.) 1: Display ON STBY 0: Normal operation 1: Internal operation and oscillation stop. Display OFF HALT 0: Internal operation starts. 1: Internal operation stops (all the LCD output pins output a VSS level, the oscillator operates, and the DC/DC converter stops, and the reference voltage generator operates). ADC Column addresses correspond to SEG outputs that are used to display the display data RAM (refer to Table 6 −−−−1). COMR Selects the direction in which the lines of the graphic RAM are read (refer to Table 6 −−−−2). Table 6 −−−−1. Relationship between Column Address of Display RAM and Segment Output SEG Output SEG1 • • • SEG303 0 000H → Column address → 12EH ADC (D1) 1 12EH ← Column address ← 000H Table 6 −−−−2. Relationship between Common Scan Circuit and Scan Direction 0 00H → 4FH COMR (D0) 14FH → 00H Default (default value of reset command) D7 D6 D5 D4 D3 D2 D1 D0 00000000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |