Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD161401W/P Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # UPD161401W/P
Description  MOS INTEGRATED CIRCUIT
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD161401W/P Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button UPD161401W/P Datasheet HTML 86Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 87Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 88Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 89Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 90Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 91Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 92Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 93Page - Renesas Technology Corp UPD161401W/P Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 126 page
background image
Data Sheet S15726EJ2V0DS
88
µµµµPD161401
6.37 Power System Control Register 2 (R53)
This command sets the power system mode of the
µPD161401.
RS
E
/RD
R,/W
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Setting
1
1
0
VRR3
VRR2
VRR1
VRR0
SVR3
SVR2
SVR1
SVR0
VRR3 to VRR0
When the main duty display mode is used, the resistance ratio can be changed in 16 steps by the VLCD internal
resistance ratio adjustment command. Four bits of the VLCD internal resistance ratio adjustment register set the
reference value of (1 + Rb/Ra) to the value shown in Table 6
−−−−22.
SVR3 to SVR0
When the sub-duty display mode is used, the resistance ratio can be changed in 16 steps by the VLCD internal
resistance ratio adjustment command. Four bits of the VLCD internal resistance ratio adjustment register set the
reference value of (1 + Rb/Ra) to the value shown in Table 6
−−−−22.
Table 6-22. VLCD Internal Resistance Ratio Adjustment Register
Register
VRR3
VRR2
VRR1
VRR0
SVR3
SVR2
SVR1
SVR0
1 + Rb/Ra
0000
3
0001
4
0010
5
0011
6
0100
7
0101
8
0110
9
0111
10
1000
11
1001
12
1010
13
1011
14
1100
15
1101
16
1110
17
1111
18
Default value (default value of reset command)
D7
D6
D5
D4
D3
D2
D1
D0
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com