Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12LP00 Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST12LP00
Description  2.4-2.5 GHz Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP00 Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST12LP00 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST12LP00 Datasheet HTML 14Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Preliminary Specifications
2.4-2.5 GHz Power Amplifier
SST12LP00
©2006 SST Communications Corp.
S71283-01-000
3/06
10
TYPICAL APPLICATION
1. Optional and only necessary for achieving high input return loss.
2. Replaceable by 1 nH (0402) inductor for compactness.
3. Shunt capacitor can be added to the inductor to lower the 2nd harmonic.
4. LC low-pass filter can be added to lower the 2nd harmonic.
FIGURE 13: Typical Application Schematic (Top View)
GND
6
5
4
1
2
3
1283 Schematic.1.1
3.0 nH1
22 pF1
RFIN
PDC
GCTL
1 pF
22 pF4
50
Ω / 200 mil2
10 µF
RFOUT
2.7 nH3
VCC
1.8 pF
0.1 µF
3.3 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com