Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRTR5V0U6AS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PRTR5V0U6AS
Description  High speed interface ESD protection to IEC 61000-4-2 level 4
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRTR5V0U6AS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PRTR5V0U6AS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRTR5V0U6AS_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 18 February 2008
2 of 7
NXP Semiconductors
PRTR5V0U6AS
High speed interface ESD protection to IEC 61000-4-2 level 4
2.
Pinning information
3.
Ordering information
4.
Limiting values
5.
Recommended operating conditions
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1
ESD protection I/O 1
2
ESD protection I/O 2
3
ground (GND)
4
ESD protection I/O 3
5
ESD protection I/O 4
6
ESD protection I/O 5
7
supply voltage (VCC)
8
ESD protection I/O 6
4
5
1
8
001aah388
8
7
6
5
4
3
2
1
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PRTR5V0U6AS
SO8
plastic small outline package; 8 leads; body width 3.9 mm SOT96-1
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
0
5.5
V
Vesd
electrostatic discharge voltage
all pins; IEC 61000-4-2; level 4
contact discharge
−8+8
kV
Tstg
storage temperature
−55
+125
°C
Table 4.
Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb
ambient temperature
−40
-
+85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com