Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRTR5V0U6AS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PRTR5V0U6AS
Description  High speed interface ESD protection to IEC 61000-4-2 level 4
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRTR5V0U6AS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PRTR5V0U6AS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1.
Product profile
1.1 General description
The PRTR5V0U6AS is designed to protect Input/Output (I/O) ports that are sensitive to
capacitive load, such as USB 2.0, Ethernet, DVI and HDMI from destruction by
ElectroStatic Discharge (ESD). It provides protection to downstream signal and supply
components from ESD voltages as high as
±8 kV (contact discharge).
The PRTR5V0U6AS incorporates six pairs of ultra-low capacitance rail-to-rail diodes plus
a Zener diode. The rail-to-rail diodes are connected to the Zener diode which allows ESD
protection to be independent of supply voltage with any ESD voltage discharged locally
within the device. The PRTR5V0U6AS is fabricated using monolithic silicon technology
integrating six ultra-low capacitance rail-to-rail ESD protection diodes in a miniature 8-lead
SO8 (SOT96) package.
1.2 Features
I Pb-free and RoHS compliant, dark green
I ESD protection compliant to IEC 61000-4-2 level 4, ±8 kV contact discharge
I Six ultra-low input capacitance (1 pF typical) ESD rail-to-rail ESD protection diodes
I Supply voltage independent clamping due to integrated Zener diode
I Small 8-lead SO8 (SOT96) package
1.3 Applications
I General-purpose downstream ESD protection high frequency analog signals and
high-speed serial data transmission for ports inside:
N Cellular and PCS mobile handsets
N PC/Notebook USB2.0/IEEE1394 ports
N DVI/HDMI interfaces
N Cordless telephones
N Wireless data (WAN/LAN) systems
N PDAs
PRTR5V0U6AS
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01 — 18 February 2008
Product data sheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com