Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRTR5V0U6AS Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PRTR5V0U6AS
Description  High speed interface ESD protection to IEC 61000-4-2 level 4
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PRTR5V0U6AS Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PRTR5V0U6AS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PRTR5V0U6AS Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PRTR5V0U6AS_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 18 February 2008
3 of 7
NXP Semiconductors
PRTR5V0U6AS
High speed interface ESD protection to IEC 61000-4-2 level 4
6.
Characteristics
[1]
Measured from pin 1, 2, 4, 5, 6 and 8 to ground.
[2]
Measured from pin 7 to ground.
Table 5.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
C(I/O-GND)
input/output to ground
capacitance
VI = 0 V; f = 1 MHz; VCC = 3 V
[1] -
1.0
-
pF
ILR
reverse leakage current
VI = 3 V
[1] -
-
100
nA
VBR
breakdown voltage
Zener diode; II = 1 mA
[2] 6-
9V
Csup
supply pin to ground capacitance
VI = 0 V; f = 1 MHz; VCC = 3 V
[2] -30
-
pF
VF
forward voltage
-
0.7
-
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com