Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5133WSC Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT5133WSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133WSC Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT5133WSC Datasheet HTML 18Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 19Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 20Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 21Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 22Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 23Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 24Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 25Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
RT5133
R
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5133-02
February
2021
22
Address
Reg Name
Bit
Bit Name
Default
Type
Description
0x0B
GPO_CTRL
7
GPO1_EN
0
RW
Enable control of GPO1
0 : Disable (default)
1 : Enable
6
GPO2_EN
0
RW
Enable control of GPO2
0 : Disable (default)
1 : Enable
5
GPO3_EN
0
RW
Enable control of GPO3
0 : Disable (default)
1 : Enable
4
Reserved
0
RW
3
GPO1_TX
0
RW
GPO1 output signal
0 : Low (default)
1 : High
2
GPO2_TX
0
RW
GPO2 output signal
0 : Low (default)
1 : High
1
GPO3_TX
0
RW
GPO3 output signal
0 : Low (default)
1 : High
0
Reserved
0
RW
Reserved
0x10
IRQ_MASK
(IRQ Source
Indicator Mask)
7
VDDAUV_EVT
0
WC
VDDAUV Event
0 : No event
1 : Event occurred
6
VREF_EVT
0
WC
BASE VREF Event
0: No event
1: Event occurred
5:3
Reserved
000
WC
2
OTP2_EVT
0
WC
OTP2 Event
0 : No event
1 : Event occurred
1
OTP1_EVT
0
WC
OTP1 Event
0 : No event
1 : Event occurred
0
OTP0_EVT
0
WC
OTP0 Event
0 : No event
1 : Event occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com