Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5713 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT5713 Datasheet HTML 1Page - Richtek Technology Corporation RT5713 Datasheet HTML 2Page - Richtek Technology Corporation RT5713 Datasheet HTML 3Page - Richtek Technology Corporation RT5713 Datasheet HTML 4Page - Richtek Technology Corporation RT5713 Datasheet HTML 5Page - Richtek Technology Corporation RT5713 Datasheet HTML 6Page - Richtek Technology Corporation RT5713 Datasheet HTML 7Page - Richtek Technology Corporation RT5713 Datasheet HTML 8Page - Richtek Technology Corporation RT5713 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5713/14-03
March 2023
4
Output Voltage Table
The RT5713/14 serves different output voltage as following bellow table.
The part number and the output voltage is defined in the Ordering Information.
Output-1 (VSEL = 0)
Code
Output-2 (VSEL = 1)
Code
0.525V
A
0.525V
A
0.55V
B
0.55V
B
0.58V
C
0.58V
C
0.6V
D
0.6V
D
0.625V
E
0.625V
E
0.65V
F
0.65V
F
0.675V
G
0.675V
G
0.7V
H
0.7V
H
0.75V
J
0.75V
J
0.8V
K
0.8V
K
0.85V
L
0.85V
L
0.9V
M
0.9V
M
0.95V
N
0.95V
N
1V
P
1V
P
1.05V
Q
1.05V
Q
1.1V
R
1.1V
R
1.15V
S
1.15V
S
1.2V
T
1.2V
T
1.3V
U
1.3V
U
1.4V
V
1.4V
V
1.5V
W
1.5V
W
1.6V
Y
1.6V
Y
1.7V
Z
1.7V
Z
1.8V
1
1.8V
1
1.9V
2
1.9V
2
2V
3
2V
3
2.1V
4
2.1V
4
2.5V
5
2.5V
5
2.75V
6
2.75V
6
3V
7
3V
7
3.3V
8
3.3V
8
4V
9
4V
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com