Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5713 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5713 Datasheet HTML 1Page - Richtek Technology Corporation RT5713 Datasheet HTML 2Page - Richtek Technology Corporation RT5713 Datasheet HTML 3Page - Richtek Technology Corporation RT5713 Datasheet HTML 4Page - Richtek Technology Corporation RT5713 Datasheet HTML 5Page - Richtek Technology Corporation RT5713 Datasheet HTML 6Page - Richtek Technology Corporation RT5713 Datasheet HTML 7Page - Richtek Technology Corporation RT5713 Datasheet HTML 8Page - Richtek Technology Corporation RT5713 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5713/14-03
March 2023
www.richtek.com
1
Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT
nanoPower Buck Converter
General Description
The RT5713/14 is a high efficiency synchronous step-
down converter featuring typ. 360nA quiescent current.
It provides high efficiency at light load down to 10mA.
Its input voltage range is from 2.2V to 5.5V. The
RT5713/14 provides 2 level output voltages which can
be programmed via the voltage select pin VSEL while
delivering output current up to 0.5A/1A.
The Hysteretic Constant-On-Time (HCOT) operation
with internal compensation allow the transient response
to be optimized over a wide range of loads and output
capacitors.
The
RT5713/14
is
a
available
in
WL-CSP-6B
1.415x0.885 (BSC) and WDFN-6L 2x2 package.
Features
⚫
Input Voltage Range : 2.2V to 5.5V
⚫
Support Fixed Output Voltage 0.525V to 4V
⚫
2 Level Output Voltage Selection by VSEL Pin
⚫
Typ. 360nA Quiescent Current
⚫
PSM Operation
⚫
Internal Compensation
⚫
Output Voltage Discharge
⚫
Over-Current Protection
⚫
Over-Temperature Protection
⚫
Output Current
⚫
RT5713 400mA, Peak to 0.5A
⚫
RT5714 600mA, Peak to 1A
⚫
UVLO Protection
⚫
Online VOUT Dynamically-Voltage-Scaling
⚫
Tiny, 6-Pin, 0.35mm Pitch WL-CSP Package
⚫
Supports < 7mm2 Solution Size
Applications
⚫
Hand-Held Devices
⚫
Portable Information
⚫
Battery Powered Equipment
⚫
Wearable Devices
⚫
Internet of Thing
⚫
Smart Watch
Simplified Application Circuit
VIN
GND
VIN
RT5713/14
LX
EN
VOUT
CIN
L1
COUT
VOUT
VSEL
VIN or GND


Similar Part No. - RT5713

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5710A RICHTEK-RT5710A Datasheet
905Kb / 15P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
RT5710AHGQW RICHTEK-RT5710AHGQW Datasheet
905Kb / 15P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
More results

Similar Description - RT5713

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9110 BELLING-BL9110 Datasheet
964Kb / 27P
1A Low Dropout, Low Quiescent Current
logo
Monolithic Power System...
MP2149 MPS-MP2149 Datasheet
451Kb / 13P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
MP9148 MPS-MP9148 Datasheet
519Kb / 14P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
EV2149-J-00A MPS-EV2149-J-00A Datasheet
232Kb / 4P
6V, Dual 1A Low Quiescent Current SYNC Buck Regulator
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
logo
Maxim Integrated Produc...
MAX38640 MAXIM-MAX38640 Datasheet
924Kb / 15P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
2021
MAX40203 MAXIM-MAX40203 Datasheet
1Mb / 19P
Ultra-Tiny nanoPower, 1A Ideal Diodes with Ultra-Low-Voltage Drop
2021
logo
Renesas Technology Corp
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
Ultra-Low Quiescent Current Buck
25-Feb-2022
logo
Analog Devices
MAX38640 AD-MAX38640 Datasheet
1Mb / 18P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
Rev 10; 1/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com