Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5713 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT5713 Datasheet HTML 6Page - Richtek Technology Corporation RT5713 Datasheet HTML 7Page - Richtek Technology Corporation RT5713 Datasheet HTML 8Page - Richtek Technology Corporation RT5713 Datasheet HTML 9Page - Richtek Technology Corporation RT5713 Datasheet HTML 10Page - Richtek Technology Corporation RT5713 Datasheet HTML 11Page - Richtek Technology Corporation RT5713 Datasheet HTML 12Page - Richtek Technology Corporation RT5713 Datasheet HTML 13Page - Richtek Technology Corporation RT5713 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5713/14-03
March 2023
10
Typical Operating Characteristics
Efficiency vs. Output Current
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
Output Current (A)
TA = 25°C, VOUT = 0.58V
VIN = 2.2V
VIN = 3.7V
VIN = 5.5V
Load Regulation vs. Output Current
0.574
0.576
0.578
0.580
0.582
0.584
0.586
0.588
0.590
0.001
0.010
0.100
1.000
Output Current (A)
TA = 25°C, VOUT = 0.58V
VIN = 2.2V
VIN = 3.7V
VIN = 5.5V
Output Voltage Ripple vs. Output Current
0
5
10
15
20
25
30
0.001
0.010
0.100
1.000
Output Current (A)
TA = 25°C, VOUT = 0.58V
VIN = 2.2V
VIN = 3.7V
VIN = 5.5V
Quiescent Current vs. Input Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.2 2.5 2.8
3.1 3.4 3.7 4.0 4.3 4.6
4.9 5.2 5.5
Input Voltage (V)
Switching, TA = 25°C, VOUT = 0.58V
Shut Down Current vs. Input Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.2 2.5 2.8
3.1 3.4 3.7 4.0 4.3 4.6
4.9 5.2 5.5
Input Voltage (V)
EN = GND, TA = 25°C, VOUT = 0.58V
Output Voltage Error vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.6V, VOUT = 0.58V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com