Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9079 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9079
Description  36V, 50μA IQ, Peak 200mA Low Dropout Voltage Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9079 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9079 Datasheet HTML 1Page - Richtek Technology Corporation RT9079 Datasheet HTML 2Page - Richtek Technology Corporation RT9079 Datasheet HTML 3Page - Richtek Technology Corporation RT9079 Datasheet HTML 4Page - Richtek Technology Corporation RT9079 Datasheet HTML 5Page - Richtek Technology Corporation RT9079 Datasheet HTML 6Page - Richtek Technology Corporation RT9079 Datasheet HTML 7Page - Richtek Technology Corporation RT9079 Datasheet HTML 8Page - Richtek Technology Corporation RT9079 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT9079
5
DS9079-03 March 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
SHDN Input Leakage Current vs. VCC
0
20
40
60
80
100
3
6
9
12
15
18
21
24
27
30
33
36
Supply Voltage (V)
EN = 0V
Quiescent Current vs. Temperature
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCC = 4V, VOUT = 2.5V, ILOAD = 10mA
Output Voltage vs. Supply Voltage
2.40
2.45
2.50
2.55
2.60
3
6
9
12
15
18
21
24
27
30
33
36
Supply Voltage (V)
ILOAD = 0mA
ILOAD = 0.1mA
ILOAD = 10mA
ILOAD = 20mA
VCC = 3.5V to 36V, VOUT = 2.5V
Output Voltage vs. Temperature
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 2.5V
VCC = 12V, ILOAD = 0.1mA
VCC = 12V, ILOAD = 20mA
VCC = 36V, ILOAD = 0.1mA
VCC = 36V, ILOAD = 20mA
Quiescent Current vs. Input Voltage
40
43
46
49
52
55
58
61
64
67
70
3
6
9
1215
1821
242730
3336
Input Voltage (V)
VOUT = 2.5V, ILOAD = 10mA
Output Voltage vs. Output Current
2.42
2.44
2.46
2.48
2.50
2.52
0
25
50
75
100
125
150
Output Current (mA)
VCC = 12V
VCC = 24V
VOUT = 2.5V
VCC = 36V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com