Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9079 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9079
Description  36V, 50μA IQ, Peak 200mA Low Dropout Voltage Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9079 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9079 Datasheet HTML 2Page - Richtek Technology Corporation RT9079 Datasheet HTML 3Page - Richtek Technology Corporation RT9079 Datasheet HTML 4Page - Richtek Technology Corporation RT9079 Datasheet HTML 5Page - Richtek Technology Corporation RT9079 Datasheet HTML 6Page - Richtek Technology Corporation RT9079 Datasheet HTML 7Page - Richtek Technology Corporation RT9079 Datasheet HTML 8Page - Richtek Technology Corporation RT9079 Datasheet HTML 9Page - Richtek Technology Corporation RT9079 Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RT9079
7
DS9079-03 March 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Load Transient Response
Time (10
μs/Div)
VCC = 12V, VOUT = 2.5V, ILOAD = 10mA to 100mA
VOUT_ac
(100mV/Div)
ILOAD
(50mA/Div)
Load Transient Response
Time (250
μs/Div)
VCC = 12V, VOUT = 2.5V, ILOAD = 10mA to 200mA
VOUT_ac
(100mV/Div)
ILOAD
(100mA/Div)
Load Transient Response
Time (250
μs/Div)
VOUT_ac
(50mV/Div)
ILOAD
(50mA/Div)
VCC = 24V, VOUT = 2.5V, ILOAD = 10mA to 100mA
Load Transient Response
Time (250
μs/Div)
VOUT_ac
(50mV/Div)
VCC = 12V, VOUT = 2.5V, ILOAD = 10mA to 100mA
ILOAD
(50mA/Div)
Ground Current vs. Output Current
0
50
100
150
200
250
300
350
0.001
0.01
0.1
1
10
100
1000
Output Curremt (mA)
Rising, TA = 125
°C
Rising, TA = 25
°C
Rising, TA =
−40°C
Dropout Voltage vs. Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
Output Current (mA)
125
°C
25
°C
−40°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com