Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9079 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9079
Description  36V, 50μA IQ, Peak 200mA Low Dropout Voltage Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9079 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9079 Datasheet HTML 1Page - Richtek Technology Corporation RT9079 Datasheet HTML 2Page - Richtek Technology Corporation RT9079 Datasheet HTML 3Page - Richtek Technology Corporation RT9079 Datasheet HTML 4Page - Richtek Technology Corporation RT9079 Datasheet HTML 5Page - Richtek Technology Corporation RT9079 Datasheet HTML 6Page - Richtek Technology Corporation RT9079 Datasheet HTML 7Page - Richtek Technology Corporation RT9079 Datasheet HTML 8Page - Richtek Technology Corporation RT9079 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9079
®
DS9079-03 March 2019
www.richtek.com
1
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Features
50
μμμμμA Ground Current at no Load
Maximum Operating Input Voltage 36V
±±±±±2% Output Accuracy
100mA Continuous Output Current
Less than 0.1
μμμμμA Disable Current
Dropout Voltage : 0.2V at 10mA
Support Fixed Output Voltage 2.5V, 3V, 3.3V, 5V,
6V, 9V, 12V
Stable with Ceramic or Tantalum Capacitor
Current Limit Protection
Over-Temperature Protection
RoHS Compliant and Halogen Free
Applications
Portable, Battery Powered Equipments
Extra Low Voltage Microcontrollers
Notebook Computers
Simplified Application Circuit
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Ordering Information
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Pin Configuration
(TOP VIEW)
TSOT-23-5
36V, 50
μμμμμA I
Q, Peak 200mA Low Dropout Voltage Linear
Regulator
General Description
The RT9079 is a low-dropout (LDO) voltage regulators with
enable function offering the benefits of high input voltage,
low-dropout voltage, low-power consumption, and
miniaturized packaging.
The features of low quiescent current and almost zero
disable current is ideal for powering the battery equipment
to a longer service life. The RT9079 is stable with the
ceramic output capacitor over its wide input range from
3.5V to 36V and the entire range of output load current.
VCC GND NC
VOUT
EN
4
23
5
Package Type
J5 : TSOT-23-5
RT9079-
Lead Plating System
G : Green (Halogen Free and Pb Free)
Output Voltage
25 : 2.5V
30 : 3V
33 : 3.3V
50 : 5V
60 : 6V
90: 9V
C0: 12V
VCC
EN
VOUT
GND
VOUT
RT9079
VCC
COUT
CIN
EN


Similar Part No. - RT9079

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9070B RICHTEK-RT9070B Datasheet
628Kb / 12P
Low Dropout Voltage
RT9072A RICHTEK-RT9072A Datasheet
676Kb / 13P
Low Dropout Voltage
RT9073 RICHTEK-RT9073 Datasheet
246Kb / 14P
The RT9073 is a low-dropout
RT9073A RICHTEK-RT9073A Datasheet
265Kb / 13P
The RT9073A is a low-dropout
RT9074 RICHTEK-RT9074 Datasheet
188Kb / 16P
The RT9074 family are high voltage
More results

Similar Description - RT9079

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9058 RICHTEK-RT9058 Datasheet
179Kb / 9P
36V, 2A IQ, 100mA Low Dropout Voltage Linear Regulator
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
ON Semiconductor
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
logo
Richtek Technology Corp...
RTQ2569-QA RICHTEK-RTQ2569-QA Datasheet
1Mb / 15P
Peak 200mA, Low Dropout Voltage Linear Rejulator
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
Low Input Voltage, Low-Dropout 200mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com