Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5086DBT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086DBT
Description  PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086DBT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5086DBT Datasheet HTML 9Page - Texas Instruments TAS5086DBT Datasheet HTML 10Page - Texas Instruments TAS5086DBT Datasheet HTML 11Page - Texas Instruments TAS5086DBT Datasheet HTML 12Page - Texas Instruments TAS5086DBT Datasheet HTML 13Page - Texas Instruments TAS5086DBT Datasheet HTML 14Page - Texas Instruments TAS5086DBT Datasheet HTML 15Page - Texas Instruments TAS5086DBT Datasheet HTML 16Page - Texas Instruments TAS5086DBT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
www.ti.com
Mute Timing (MUTE)
td(VOL)
VOLUME
MUTE
Normal
Operation
M-State
Normal
Operation
td(VOL)
T0032-01
SERIAL INTERFACE CONTROL AND TIMING
I2S TIMING
TAS5086
SLES131A – FEBRRUARY 2005 – REVISED MAY 2006
Control-signal parameters over recommended operating conditions (unless otherwise noted)
Control-signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
td(VOL) Volume ramp time
Defined by rate setting(1)
ms
(1)
See the Volume Control Register (0x0E) section.
Figure 7. Mute Timing
I2S timing uses LRCLK to define when the data being transmitted is for the left channel and when it is for the
right channel. LRCLK is low for the left channel and high for the right channel. A bit clock running at 64- fS is
used to clock in the data. A delay of one bit clock occurs from the time the LRCLK signal changes state to the
first bit of data on the data lines. The data is written MSB first and is valid on the rising edge of bit clock. The
TAS5086 masks unused trailing data bit positions.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com