| Electronic Components Datasheet Search |
|
TAS5086DBT Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5086DBT Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 41 page ![]() www.ti.com SINGLE-BYTE WRITE A6 A5 A4 A3 A2 A1 A0 R/W ACK A7 A6 A5 A4 A3 A2 A1 A0 ACK D7 D6 D5 D4 D3 D2 D1 D0 ACK Start Condition Stop Condition Acknowledge Acknowledge Acknowledge I2C Device Address and Read/Write Bit Subaddress Data Byte T0036-01 MULTIPLE-BYTE WRITE AND INCREMENTAL MULTIPLE-BYTE WRITE D7 D0 ACK Stop Condition Acknowledge I2C Device Address and Read/Write Bit Subaddress Last Data Byte A6 A5 A1 A0 R/W ACK A7 A5 A1 A0 ACK D7 ACK Start Condition Acknowledge Acknowledge Acknowledge First Data Byte A4 A3 A6 Other Data Bytes ACK Acknowledge D0 D7 D0 T0036-02 TAS5086 SLES131A – FEBRRUARY 2005 – REVISED MAY 2006 I2C SERIAL CONTROL INTERFACE (continued) During multiple-byte write operations, the TAS5086 compares the number of bytes transmitted to the number of bytes that are required for each specific subaddress. If a write command is received for a biquad subaddress, the TAS5086 expects to receive five 32-bit words. If fewer than five 32-bit data words have been received when a stop command (or another start command) is received, the data received is discarded. Similarly, if a write command is received for a mixer coefficient, the TAS5086 expects to receive one 32-bit word. Supplying a subaddress for each subaddress transaction is referred to as random I2C addressing. The TAS5086 also supports sequential I2C addressing. For write transactions, if a subaddress is issued, followed by data for that subaddress and the 15 subaddresses that follow, a sequential I2C write transaction has taken place, and the data for all 16 subaddresses is successfully received by the TAS5086. For I2C sequential write transactions, the subaddress then serves as the start address and the amount of data subsequently transmitted, before a stop or start is transmitted, determines how many subaddresses are written. As was true for random addressing, sequential addressing requires that a complete set of data be transmitted. If only a partial set of data is written to the last subaddress, the data for the last subaddress is discarded. However, all other data written is accepted; just the incomplete data is discarded. As shown is Figure 15, a single-byte data write transfer begins with the master device transmitting a start condition, followed by the I2C device address and the read/write bit. The read/write bit determines the direction of the data transfer. For a write data transfer, the read/write bit must be set to 0. After receiving the correct I2C device address and the read/write bit, the TAS5086 device responds with an acknowledge bit. Next, the master transmits the address byte or bytes corresponding to the TAS5086 internal memory address being accessed. After receiving the address byte, the TAS5086 again responds with an acknowledge bit. Next, the master device transmits the data byte to be written to the memory address being accessed. After receiving the data byte, the TAS5086 again responds with an acknowledge bit. Finally, the master device transmits a stop condition to complete the single-byte data write transfer. Figure 15. Single-Byte Write Transfer A multiple-byte data write transfer is identical to a single-byte data write transfer, except that multiple data bytes are transmitted by the master device to TAS5086 as shown in Figure 16. After receiving each data byte, the TAS5086 responds with an acknowledge bit. Figure 16. Multiple-Byte Write Transfer The I2C supports a special mode that permits I2C write operations to be broken up into multiple data write operations that are multiples of 4 data bytes. These are 6-, 10-, 12-, 16-, ..., etc., -byte write operations that are composed of a device address, read/write bit, and subaddress and any multiple of 4 bytes of data. This permits the system to write large register values incrementally without blocking other I2C transactions. 19 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |