Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2000D4DAPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4DAPR
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4DAPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA2000D4DAPR Datasheet HTML 4Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 5Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 6Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 7Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 8Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 9Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 10Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 11Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TPA2000D4
STEREO 2W CLASSD AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337B − DECEMBER 2000 − REVISED NOVEMBER 2005
8
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 5
0
2
4
6
8
10
12
−50
0
50
100
150
200
HP
Class−D
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
Figure 6
0.2
0.1
0.02
0.01
20
50
100 200
500
1 k
1
5
f − Frequency − Hz
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
10
2 k
5 k 10 k 20 k
0.05
0.5
2
VDD = 5 V,
RL = 8 Ω,
All Gains
PO = 0.05 W
PO = 0.25 W
PO = 0.5 W
Figure 7
0.5
0.1
0.02
0.01
20
50
100 200
500 1 k
1
2
10
2 k
5 k 10 k 20 k
0.05
0.2
5
f − Frequency − Hz
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
VDD = 5 V,
RL = 4 Ω,
All Gains
PO = 0.1 W
PO = 2 W
PO = 1.5 W
Figure 8
0.5
0.1
0.05
0.01
10 m
20 m
50 m 100 m 200 m
1
5
10
500 m
1
2
0.2
2
0.02
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
PO − Output Power − W
VDD = 5 V,
RL = 8 Ω,
All Gains
f = 20 kHz
f = 1 kHz
f = 20 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com