Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2000D4DAPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4DAPR
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4DAPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA2000D4DAPR Datasheet HTML 14Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 15Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 16Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 17Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 18Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 19Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 20Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 21Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
TPA2000D4
STEREO 2W CLASSD AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337B − DECEMBER 2000 − REVISED NOVEMBER 2005
18
WWW.TI.COM
APPLICATION INFORMATION
Table 2. Gain Settings
GAIN1
GAIN0
AMPLIFIER GAIN
(dB)
INPUT IMPEDANC
(k
Ω)
GAIN1
GAIN0
TYP
TYP
0
0
6
104
0
1
12
74
1
0
18
44
1
1
23.5
24
input resistance
Each gain setting is achieved by varying the input resistance of the amplifier, which can range from its smallest
value to over 6 times that value.
CI
IN
ZI
ZF
Input
Signal
The −3 dB frequency can be calculated using equation 4:
(4)
f*3dB +
1
2
p C
I ZI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com