Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2000D4DAPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4DAPR
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4DAPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPA2000D4DAPR Datasheet HTML 19Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 20Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 21Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 22Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 23Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 24Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 25Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 26Page - Texas Instruments TPA2000D4DAPR Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
TPA2000D4
STEREO 2W CLASSD AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337B − DECEMBER 2000 − REVISED NOVEMBER 2005
23
WWW.TI.COM
APPLICATION INFORMATION
evaluation circuit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
LINN
LINP
GAIN0
GAIN1
PVDDL
HPLIN
LOUTP
PGNDL
PGNDL
LOUTN
PVDDL
HPLGAIN
HPLOUT
MODE
HPRGAIN
HPROUT
AGND
ROSC
COSC
VDD
NC
PVDDR
ROUTN
PGNDR
PGNDR
ROUTP
PVDDR
SHUTDOWN
BYPASS
HPRIN
RINP
RINN
C2
0.22
µF
C1
0.22
µF
C5
0.1
µF
R1 20 k
Ω
C3
0.22
µF
C4
0.22
µF
C5
0.1
µF
R2 20 k
Ω
C15
10
µF
C10
0.1
µF
C9
1
µF
LOUTN
LOUTP
Right HP SE Input
Right Audio Input+
GAIN SELECT
TPA2000D4
R3
20 k
Ω
+
C17
220
µF
R12 1 k
Ω
R8
120 k
Ω
R7
120 k
Ω
VDD
R4 20 k
Ω
C16
220
µF
R11 1 k
Ω
C8
0.47
µF
C12
1
µF
C11
1
µF
C14
10
µF
C13
0.1
µF
C7
220 pF
R9 120 k
Ω
Right Audio Input−
Left Audio Input−
Left Audio Input+
Left HP SE Input
GAIN SELECT
PVDD
To System Control
ROUTP
PVDD
ROUTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com