Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004UM/AD Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # DSP56004UM/AD
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004UM/AD Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button DSP56004UM/AD Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
2-30
DSP56004/D, Rev. 3
MOTOROLA
Specifications
Serial Host Interface (SHI) I2C Protocol Timing
SERIAL HOST INTERFACE (SHI) I2C PROTOCOL TIMING
(VIHS = 0.7 × VCC, VILS = 0.3 × VCC)
(VOHS = 0.8 × VCC, VOLS = 0.2 × VCC)
(RP (min) = 1.5 kΩ)
Table 2-13
SHI I2C Protocol Timing
Standard I2C
(CL = 400 pF, RP = 2 kΩ, 100 kHz)
No.
Characteristics
Symbol
All frequencies
Unit
Min
Max
—
Tolerable Spike Width on SCL or SDA
Filters Bypassed
Narrow Filters Enabled
Wide Filters Enabled
—
—
—
0
20
100
ns
ns
ns
171
Minimum SCL Serial Clock Cycle
tSCL
10.0
—
µs
172
Bus Free Time
tBUF
4.7
—
µs
173
Start Condition Set-up Time
tSU;STA
4.7
—
µs
174
Start Condition Hold Time
tHD;STA
4.0
—
µs
175
SCL Low Period
tLOW
4.7
—
µs
176
SCL High Period
tHIGH
4.0
—
µs
177
SCL and SDA Rise Time
tr
—
1.0
µs
178
SCL and SDA Fall Time
tf
—
0.3
µs
179
Data Set-up Time
tSU;DAT
250
—
ns
180
Data Hold Time
tHD;DAT
0.0
—
ns
182
SCL Low to Data Out Valid
tVD;DAT
—
3.4
µs
183
Stop Condition Set-up Time
tSU;STO
4.0
—
µs
Note:
Refer to the DSP56004 User’s Manual for a detailed description of how to use the different filtering
modes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com