Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004UM/AD Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # DSP56004UM/AD
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004UM/AD Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button DSP56004UM/AD Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
2-34
DSP56004/D, Rev. 3
MOTOROLA
Specifications
Serial Host Interface (SHI) I2C Protocol Timing
180 Data Hold Time
tHD;DAT
bypassed
narrow
wide
0
0
0
0
0
0
—
—
—
0
0
0
—
—
—
0
0
0
—
—
—
ns
ns
ns
182 SCL Low to Data
Out Valid
tVD;DAT
bypassed
narrow
wide
2
× T
C + 71 + tr
2
× T
C + 244 + tr
2
× T
C + 535 + tr
—
—
—
349
522
813
—
—
—
339
512
803
—
—
—
344
507
798
ns
ns
ns
183 Stop Condition
Set-up Time
tSU;STO master
slave
bypassed
narrow
wide
bypassed
narrow
wide
0.5
× t
I
2CCP + TC +
TH + 11
0.5
× t
I
2CCP + TC +
TH + 69
0.5
× t
I
2CCP + TC +
TH + 183
11
50
150
381
459
613
11
50
150
—
—
—
—
—
—
359
440
592
11
50
150
—
—
—
—
—
—
351
433
584
11
50
150
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
184 HREQ In
Deassertation to
Last SCL Edge
(HREQ In Set-up
Time)
master
bypassed
narrow
wide
0
0
0
0
0
0
—
—
—
0
0
0
—
—
—
0
0
0
—
—
—
ns
ns
ns
186 First SCL
Sampling Edge
to HREQ Output
Deassertation
slave
bypassed
narrow
wide
3
× T
C + TH + 32
3
× T
C + TH + 209
3
× T
C + TH + 507
—
—
—
102
279
577
—
—
—
85
262
560
—
—
—
75
252
550
ns
ns
ns
187 Last SCL Edge to
HREQ Output
Not Deasserted
slave
bypassed
narrow
wide
2
× T
C + TH + 6
2
× T
C + TH + 63
2
× T
C + TH + 169
56
113
219
—
—
—
44
101
207
—
—
—
37
93.9
200
—
—
—
ns
ns
ns
188 HREQ In
Assertion to First
SCL Edge
master
bypassed
narrow
wide
tI2CCP + 2 × TC + 6
tI2CCP + 2 × TC + 6
tI2CCP + 2 × TC + 6
726
766
846
—
—
—
688
733
809
—
—
—
673
722
796
—
—
—
ns
ns
ns
Table 2-15
SHI Improved I2C Protocol Timing (Continued)
Improved I2C (CL = 50 pF, RP = 2 kΩ)
No.
Char.
Sym.
Mode
Filter
Mode
Expression
50 MHz2
66 MHz3
81 MHz4
U
n
i
t
Min Max Min Max Min Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com