Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004UM/AD Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # DSP56004UM/AD
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004UM/AD Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button DSP56004UM/AD Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56004UM/AD Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
2-38
DSP56004/D, Rev. 3
MOTOROLA
Specifications
On-Chip Emulation (OnCE
™) Timing
248
DR Assertion Width
•
to recover from WAIT
•
to recover from WAIT and enter Debug
mode
15
13 TC + 15
12 TC – 15
—
ns
ns
249
DR Assertion to DSO (ACK) Valid (Enter Debug
mode) After Asynchronous Recovery from Wait
State
17 TC
—ns
250A
DR Assertion Width to Recover from STOP2
• Stable External Clock, OMR Bit 6 = 0
• Stable External Clock, OMR Bit 6 = 1
• Stable External Clock, PCTL Bit 17 = 1
15
15
15
65548 TC + TL
20 TC + TL
13 TC + TL
ns
ns
ns
250B
DR Assertion Width to Recover from STOP and
enter Debug mode2
• Stable External Clock, OMR Bit 6 = 0
• Stable External Clock, OMR Bit 6 = 1
• Stable External Clock, PCTL Bit 17 = 1
65549 TC + TL
21 TC + TL
14 TC + TL
—
—
—
ns
ns
ns
251
DR Assertion to DSO (ACK) Valid (Enter Debug
mode) After Recovery from Stop State2
• Stable External Clock, OMR Bit 6 = 0
• Stable External Clock, OMR Bit 6 = 1
• Stable External Clock, PCTL Bit 17 = 1
65553 TC + TL
25 TC + TL
18 TC + TL
—
—
—
ns
ns
ns
Note:
1.
Maximum
TL
2.
Periodically sampled, not 100% tested
Figure 2-23 DSP56004 OnCE Serial Clock Timing
Table 2-17
OnCE Timing (Continued)
No.
Characteristics
All frequencies
Unit
Min
Max
DSCK
(input)
246
246
231
232
230
AA0277
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com