| Electronic Components Datasheet Search |
|
STR91XF Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR91XF Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 73 page ![]() Functional overview STR91xF 22/73 Figure 3. JTAG chaining inside the STR91xF 2.15.1 In-system-programming The JTAG interface is used to program or erase all memory areas of the STR91xF device. The pin RESET_INn must be asserted during ISP to prevent the CPU from fetching invalid instructions while the Flash memories are being programmed. Note that the 32 bytes of OTP memory locations cannot be erased by any means once programmed by JTAG ISP or the CPU. 2.15.2 Boundary scan Standard JTAG boundary scan testing compliant with IEEE-1149.1 is available on the majority of pins of the STR91xF for circuit board test during manufacture of the end product. STR91xF pins that are not serviced by boundary scan are the following: ● JTAG pins JTCK, JTMS, JTDI, JTDO, JTRSTn, JRTCK ● Oscillator input pins X1_CPU, X2_CPU, X1_RTC, X2_RTC ● Tamper detect input pin TAMPER_IN (128-pin packages only) 2.15.3 CPU debug The ARM966E-S CPU core has standard ARM EmbeddedICE-RT logic, allowing the STR91xF to be debugged through the JTAG interface. This provides advanced debugging features making it easier to develop application firmware, operating systems, and the hardware itself. JTDI JTMS JTCK JTDO TDI TMS TCK TDO TDO TMS TCK TDI JTAG TAP CONTROLLER #1 JTAG TAP CONTROLLER #3 BURST FLASH MEMORY DIE ARM966ES DIE BOUNDARY SCAN STR91xx JTRSTn TRST TDI TMS TCK TDO JTAG TAP CONTROLLER #2 CPU DEBUG TRST JRTCK TRST MAIN FLASH SECONDARY FLASH JTAG Instruction register length: 5 bits for TAP #1 4 bits for TAP #2 JTAG Instruction register length is 8 bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |