Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR91XF Datasheet(PDF) 31 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STR91XF_07 Datasheet HTML 27Page - STMicroelectronics STR91XF_07 Datasheet HTML 28Page - STMicroelectronics STR91XF_07 Datasheet HTML 29Page - STMicroelectronics STR91XF_07 Datasheet HTML 30Page - STMicroelectronics STR91XF_07 Datasheet HTML 31Page - STMicroelectronics STR91XF_07 Datasheet HTML 32Page - STMicroelectronics STR91XF_07 Datasheet HTML 33Page - STMicroelectronics STR91XF_07 Datasheet HTML 34Page - STMicroelectronics STR91XF_07 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
STR91xF
Functional overview
31/73
respectively. The output signal EMI_RDn is the read strobe for both the low and high data
bytes.
●
8-bit multiplexed data mode: This is a variant of the 16-bit multiplexed mode. Although
this mode can provide 24 bits of address and 8 bits of data, it does require an external
latch device on Port 8. However, this mode is most efficient when connecting devices that
only require 8 bits of address on an 8-bit multiplexed address/data bus, and have simple
read, write, and latch inputs as shown in Figure 5
To use all 24 address bits, the following applies: 8 bits of lowest-order data and 8 bits of
lowest-order address are multiplexed on port 8. On port 9, 8-bits of mid-order address are
multiplexed with 8 bits of data, but these 8 data values are always at logic zero on this port
during a write operation, and these 8 data bits are ignored during a read operation. An
external latch device (such as a ‘373 latch) is needed to de-multiplex the mid-order 8
address bits that are generated on port 8. Port 7 outputs the 8 highest-order address
signals directly (not multiplexed). The output signal on pin EMI_ALE is used to demultiplex
the signals on ports 8 and 9, and the polarity of EMI_ALE is programmable. The output
signal on pin EMI_BWR_WRLn is the data write strobe, and the output on pin EMI_RDn is
the data read strobe.
●
8-bit non-multiplexed data mode (Figure 6): Eight bits of data are on port 8, while 16 bits
of address are output on ports 7 and 9. The output signal on pin EMI_BWR_BWLn is the
data write strobe and the output on pin EMI_RDn is the data read strobe.
Figure 4.
EMI 16-bit multiplexed connection example
EMI_AD0
STR91xx
16-BIT
DEVICE
EMI_AD1
EMI_AD2
EMI_AD3
EMI_AD4
EMI_AD5
EMI_AD6
EMI_AD7
EMI_AD8
EMI_AD9
EMI_AD10
EMI_AD11
EMI_AD12
EMI_AD13
EMI_AD14
EMI_AD15
EMI_ALE
EMI_RDn
EMI_BWR_WRLn
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
AD8
AD9
AD10
AD11
AD12
AD13
AD14
AD15
CHIP_SELECT
WRITE_LOW_BYTE
READ
ADDR_LATCH
P8.7
P8.6
P8.5
P8.4
P8.3
P8.2
P8.1
P8.0
P9.7
P9.6
P9.5
P9.4
P9.3
P9.2
P9.1
P9.0
EMI_A16
EMI_A17
EMI_A18
EMI_A19
EMI_A20
EMI_A21
EMI_A22
EMI_A23
A16
A17
A18
A19
A20
A21
A22
A23
P7.7
P7.6
P7.5
P7.4
P7.3
P7.2
P7.1
P7.0
EMI_WRHn
WRITE_HIGH_BYTE
EMI_CS0n
EMI_CS1n
EMI_CS2n
EMI_CS3n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com