Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR91XF Datasheet(PDF) 30 Page - STMicroelectronics

Part # STR91XF
Description  ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STR91XF_07 Datasheet HTML 26Page - STMicroelectronics STR91XF_07 Datasheet HTML 27Page - STMicroelectronics STR91XF_07 Datasheet HTML 28Page - STMicroelectronics STR91XF_07 Datasheet HTML 29Page - STMicroelectronics STR91XF_07 Datasheet HTML 30Page - STMicroelectronics STR91XF_07 Datasheet HTML 31Page - STMicroelectronics STR91XF_07 Datasheet HTML 32Page - STMicroelectronics STR91XF_07 Datasheet HTML 33Page - STMicroelectronics STR91XF_07 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
Functional overview
STR91xF
30/73
2.25.1 DMA
A programmable DMA channel may be assigned by CPU firmware to service each timer/
counter module TIM0 and TIM1 for fast and direct transfers.
2.26
Three-phase induction motor controller (IMC)
The STR91xF provides an integrated controller for variable speed motor control applications.
Six PWM outputs are generated on high current drive pins P6.0 to P6.5 for controlling a three-
phase AC induction motor drive circuit assembly. Rotor speed feedback is provided by
capturing a tachometer input signal on pin P6.6, and an asynchronous hardware emergency
stop input is available on pin P6.7 to stop the motor immediately if needed, independently of
firmware.
The IMC unit has the following features:
●
Three PWM outputs generated using a 10-bit PWM counter, one for each phase U, V, W.
Complimentary PWM outputs are also generated for each phase.
●
Choice of classic or zero-centered PWM generation modes
●
10-bit PWM counter clock is supplied through a programmable 8-bit prescaler of the APB
clock.
●
Programmable 6-bit dead-time generator to add delay to each of the three complimentary
PWM outputs
●
8-bit repetition counter
●
Automatic rotor speed measurement with 16-bit resolution. Schmitt trigger tachometer
input with programmable edge detection
●
Hardware asynchronous emergency stop input
●
A dedicated interrupt to CPU with eight flags
2.27
External memory interface (EMI)
STR91xF devices in 128-pin packages offer an external memory bus for connecting external
parallel peripherals and memories. The EMI bus resides on ports 7, 8, and 9 and operates with
either an 8 or 16-bit data path. The configuration of 8 or 16 bit mode is specified by CPU
firmware writing to configuration registers at run-time. If the application does not use the EMI
bus, then these port pins may be used for general purpose I/O as shown in Table 3.
The EMI has the following features:
●
Supports static asynchronous memory access cycles, including page mode for non-mux
operation.
●
Four configurable memory regions, each with a chip select output (EMI_CS0n ...
EMI_CS3n)
●
Programmable wait states per memory region for both write and read operations
●
16-bit multiplexed data mode (Figure 4): 16 bits of data and 16 bits of low-order address
are multiplexed together on ports 8 and 9, while port 7 contains eight more high-order
address signals. The output signal on pin EMI_ALE is used to demultiplex the signals on
ports 8 and 9, and the polarity of EMI_ALE is programmable. The output signals on pins
EMI_BWR_WRLn and EMI_WRHn are the write strobes for the low and high data bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com