Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP174A Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part # MP174A
Description  700V Non-Isolated Off-Line Regulator,Up to 400mA Output Current with Improved EMI Performance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP174A Datasheet(HTML) 5 Page - MPS Industries, Inc.

  MP174A Datasheet HTML 1Page - MPS Industries, Inc. MP174A Datasheet HTML 2Page - MPS Industries, Inc. MP174A Datasheet HTML 3Page - MPS Industries, Inc. MP174A Datasheet HTML 4Page - MPS Industries, Inc. MP174A Datasheet HTML 5Page - MPS Industries, Inc. MP174A Datasheet HTML 6Page - MPS Industries, Inc. MP174A Datasheet HTML 7Page - MPS Industries, Inc. MP174A Datasheet HTML 8Page - MPS Industries, Inc. MP174A Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MP174A – NON-ISOLATED OFF-LINE REGULATOR
MP174A Rev. 1.0
www.MonolithicPower.com
5
2/27/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5.5V, TJ=-40°C~125°C, Min & Max are guaranteed by characterization, typical is tested
under 25°C, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Start-Up Current Source and Internal MOSFET (Drain Pin)
Internal regulator supply current
IRegulator
VCC=4V;VDrain=100V
2.2
4.1
6
mA
Drain pin leakage current
ILeak
VCC=5.8V;VDrain=500V
10
17
μA
Breakdown voltage
V(BR)DSS
TJ=25
°C
700
V
ON resistance
RON
TJ=25°C
13.5
17
Ω
TJ=125°C
21
25
Ω
Supply Voltage Management (VCC Pin)
VCC level (increasing) where the internal
regulator stops
VCCOFF
5.4
5.6
6
V
VCC level (decreasing) where the
internal regulator turns on
VCCON
5.1
5.3
5.7
V
VCC regulator on and off hysteresis
130
250
mV
VCC level (decreasing) where the IC
stops
VCCStop
3
3.4
3.6
V
VCC level (decreasing) where the
protection phase ends
VCCPro
2.4
2.8
V
Internal IC consumption
ICC
fs=28kHz, D=66.7%
720
μA
No switching
200
μA
VCC=5.3V,
latch-off phase
16
24
μA
Internal Current Sense
Peak current limit
ILimit
TJ=25°C
600
660
720
mA
Leading-edge blanking
τLEB1
350
ns
SCP threshold
ISCP
TJ=25°C
750
900
mA
Leading-edge blanking for SCP (1)
τLEB2
180
ns
Feedback Input (FB Pin)
Minimum off time
τMin_off
9.5
12
15
μs
Maximum on time
τMax_on
19
24
31
μs
Primary MOSFET feedback turn-on
threshold
VFB
2.45
2.55
2.65
V
OLP feedback trigger threshold
VFB_OLP
1.6
1.7
1.8
V
OLP delay time
τOLP
fs=28kHz
220
ms
Open-loop detection
VOLD
0.4
0.5
0.6
V
Thermal Shutdown
Thermal shutdown threshold (1)
150
°C
Thermal shutdown recovery hysteresis (1)
30
°C
Notes:
1) This parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com