Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP174A Datasheet(PDF) 15 Page - MPS Industries, Inc.

Part # MP174A
Description  700V Non-Isolated Off-Line Regulator,Up to 400mA Output Current with Improved EMI Performance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP174A Datasheet(HTML) 15 Page - MPS Industries, Inc.

Back Button MP174A Datasheet HTML 11Page - MPS Industries, Inc. MP174A Datasheet HTML 12Page - MPS Industries, Inc. MP174A Datasheet HTML 13Page - MPS Industries, Inc. MP174A Datasheet HTML 14Page - MPS Industries, Inc. MP174A Datasheet HTML 15Page - MPS Industries, Inc. MP174A Datasheet HTML 16Page - MPS Industries, Inc. MP174A Datasheet HTML 17Page - MPS Industries, Inc. MP174A Datasheet HTML 18Page - MPS Industries, Inc. MP174A Datasheet HTML 19Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
MP174A – NON-ISOLATED OFF-LINE REGULATOR
MP174A Rev. 1.0
www.MonolithicPower.com
15
2/27/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
APPLICATION INFORMATION
Table 1: Common Topologies Using the MP174A
Topology
Circuit Schematic
Features
High-Side
Buck
1. Non-isolation
2. Positive output
3. Low cost
4. Direct feedback
High-Side
Buck-Boost
1. Non-isolation
2. Negative output
3. Low cost
4. Direct feedback
Boost
1. Non-isolation
2. Positive output
3. Low cost
4. Direct feedback
Flyback
1. Isolation
2. Positive output
3. Low cost
4. Indirect feedback
*
*
T
V
in
+
*
DRAIN
VCC
FB
SOURCE
SOURCE
MP174A
Vo
1
2
3
4
5
MP174A
1
2
3
4
5
DRAIN
VCC
FB
SOURCE
SOURCE
Vin
Vo
MP174A
1
2
3
4
5
DRAIN
VCC
FB
SOURCE
SOURCE
Vin
Vo
MP174A
1
2
3
4
5
DRAIN
FB
SOURCE
SOURCE
Vin
Vo
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com