Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP174A Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # MP174A
Description  700V Non-Isolated Off-Line Regulator,Up to 400mA Output Current with Improved EMI Performance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP174A Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button MP174A Datasheet HTML 6Page - MPS Industries, Inc. MP174A Datasheet HTML 7Page - MPS Industries, Inc. MP174A Datasheet HTML 8Page - MPS Industries, Inc. MP174A Datasheet HTML 9Page - MPS Industries, Inc. MP174A Datasheet HTML 10Page - MPS Industries, Inc. MP174A Datasheet HTML 11Page - MPS Industries, Inc. MP174A Datasheet HTML 12Page - MPS Industries, Inc. MP174A Datasheet HTML 13Page - MPS Industries, Inc. MP174A Datasheet HTML 14Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
MP174A – NON-ISOLATED OFF-LINE REGULATOR
MP174A Rev. 1.0
www.MonolithicPower.com
10
2/27/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 265VAC, VOUT = 12V, IOUT = 300mA, L = 1.2mH, COUT = 100μF, TA = +25°C, unless otherwise
noted.
Load Transient
EMI Performance
L Line, VIN=230VAC
CH1: VDS
100mV/div.
CH4: IL
500mA/div.
150 kHz
30 MHz
1 PK
CLRWR
6DB
dBµV
dBµV
2 AV
CLRWR
SGL
TDS
1 MHz
10 MHz
0
10
20
30
40
50
60
70
80
90
100
110
120
EN55022A
EN55022Q
4ms/div.
EMI Performance
N Line, VIN=230VAC
150 kHz
30 MHz
1 PK
CLRWR
6DB
dBµV
dBµV
2 AV
CLRWR
SGL
TDS
1 MHz
10 MHz
0
10
20
30
40
50
60
70
80
90
100
110
120
EN55022A
EN55022Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com