Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-90UT Datasheet(PDF) 85 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 85 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 81Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 82Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 83Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 84Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 85Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 86Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 87Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 88Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
85/102
PSD835G2
Figure 38. Input to Output Disable / Enable
Figure 39. Combinatorial Timing – PLD
Table 58. CPLD Combinatorial Timing
Note: 1. Fast Slew Rate output available on PA3-PA0, PB3-PB0, and PD2-PD0. Decrement times by given amount.
Symbol
Parameter
Conditions
-70
-90
PT
Aloc
Turbo
Off
Slew
rate1
Unit
Min
Max
Min
Max
tPD
CPLD Input Pin/Feedback to
CPLD Combinatorial Output
20
25
+ 2
+ 12
– 2
ns
tEA
CPLD Input to CPLD Output
Enable
21
26
+ 12
– 2
ns
tER
CPLD Input to CPLD Output
Disable
21
26
+ 12
– 2
ns
tARP
CPLD Register Clear or
Preset Delay
21
26
+ 12
– 2
ns
tARPW
CPLD Register Clear or
Preset Pulse Width
10
20
+ 12
ns
tARD
CPLD Array Delay
Any macrocell
11
16
+ 2
ns
tER
tEA
INPUT
INPUT TO
OUTPUT
ENABLE/DISABLE
AI02863
tPD
CPLD OUTPUT
CPLD INPUT
AI07655



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com