Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2-90UT Datasheet(PDF) 46 Page - STMicroelectronics

Part # PSD835G2-90UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90UT Datasheet(HTML) 46 Page - STMicroelectronics

Back Button PSD835G2-90UT Datasheet HTML 42Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 43Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 44Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 45Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 46Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 47Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 48Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 49Page - STMicroelectronics PSD835G2-90UT Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
PSD835G2
46/102
Input Macrocells (IMC)
The CPLD has 24 Input Macrocells (IMC), one for
each pin on Ports A, B, and C. The architecture of
the Input Macrocells (IMC) is shown in Figure
17., page 47. The Input Macrocells (IMC) are indi-
vidually configurable, and can be used as a latch,
register, or to pass incoming Port signals prior to
driving them onto the PLD input bus. The outputs
of the Input Macrocells (IMC) can be read by the
MCU through the internal data bus.
The enable for the latch and clock for the register
are driven by a multiplexer whose inputs are a
product term from the CPLD AND Array or the
MCU Address Strobe (ALE/AS). Each product
term output is used to latch or clock four Input
Macrocells (IMC). Port inputs 3-0 can be con-
trolled by one product term and 7-4 by another.
Configurations for the Input Macrocells (IMC) are
specified by PSDsoft. Outputs of the Input Macro-
cells (IMC) can be read by the MCU via the IMC
buffer. See I/O PORTS, page 59.
Input Macrocells (IMC) can use Address Strobe
(ALE/AS, PD0) to latch address bits higher than
A15. Any latched addresses are routed to the
PLDs as inputs.
Input Macrocells (IMC) are particularly useful with
handshaking communication applications where
two processors pass data back and forth through
a common mailbox. Figure 18., page 48 shows a
typical configuration where the Master MCU writes
to the Port A Data Out Register. This, in turn, can
be read by the Slave MCU via the activation of the
“Slave-Read” output enable product term.
The Slave can also write to the Port A Input Mac-
rocells (IMC) and the Master can then read the In-
put Macrocells (IMC) directly.
Note that the “Slave-Read” and “Slave-Wr” signals
are product terms that are derived from the Slave
MCU inputs Read Strobe (RD, CNTL1), Write
Strobe (WR, CNTL0), and Slave_CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com