Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9820Q Datasheet(PDF) 62 Page - ESS Technology,Inc

Part # ES9820Q
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820Q Datasheet(HTML) 62 Page - ESS Technology,Inc

Back Button ES9820Q Datasheet HTML 58Page - ESS Technology,Inc ES9820Q Datasheet HTML 59Page - ESS Technology,Inc ES9820Q Datasheet HTML 60Page - ESS Technology,Inc ES9820Q Datasheet HTML 61Page - ESS Technology,Inc ES9820Q Datasheet HTML 62Page - ESS Technology,Inc ES9820Q Datasheet HTML 63Page - ESS Technology,Inc ES9820Q Datasheet HTML 64Page - ESS Technology,Inc ES9820Q Datasheet HTML 65Page - ESS Technology,Inc ES9820Q Datasheet HTML 66Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 117 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.3
ES9820 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
62
Register 37: ASP ENABLE AND PROGRAMMING CONTROL
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
ASP2_COEFF_WE
Enables writing to the ASP2 coeff RAM.
•
1'b0: Writing disabled (default)
•
1'b1: Writing enabled
[6]
ASP1_COEFF_WE
Enables writing to the ASP1 coeff RAM.
•
1'b0: Writing disabled (default)
•
1'b1: Writing enabled
[5]
ASP2_PROGRAM_WE
Enables writing to the ASP2 program memory.
•
1'b0: Writing disabled (default)
•
1'b1: Writing enabled
[4]
ASP1_PROGRAM_WE
Enables writing to the ASP1 program memory.
•
1'b0: Writing disabled (default)
•
1'b1: Writing enabled
[3]
ASP2_PROGRAM_EN
Enables ASP2 program memory and coeff RAM programming
before its output is enabled and used in the signal path.
•
1'b0: Programming disabled (default)
•
1'b1: Programming enabled
[2]
ASP1_PROGRAM_EN
Enables ASP1 program memory and coeff RAM programming
before its output is enabled and used in the signal path.
•
1'b0: Programming disabled (default)
•
1'b1: Programming enabled
[1]
ENABLE_ASP2
Selects whether ASP2 is enabled and used in the signal path
or disabled and bypassed.
•
1'b0: ASP2 is disabled and bypassed (default)
•
1'b1: ASP2 is enabled. Data is processed by ASP2
before output
[0]
ENABLE_ASP1
Selects whether ASP1 is enabled and used in the signal path
or disabled and bypassed.
•
1'b0: ASP1 is disabled and bypassed (default)
•
1'b1: ASP1 is enabled. Data is processed by ASP1
before output
Register 39-38: ASP PROGRAM ADDR
Bits
[15:9]
[8:0]
Default
7'd0
9'd0
Bits
Mnemonic
Description
[15:9]
RESERVED
NA
[8:0]
ASP_PROGRAM_ADDR
Selects the program address when writing custom program
codes for either ASP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com