Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9820Q Datasheet(PDF) 71 Page - ESS Technology,Inc

Part # ES9820Q
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820Q Datasheet(HTML) 71 Page - ESS Technology,Inc

Back Button ES9820Q Datasheet HTML 67Page - ESS Technology,Inc ES9820Q Datasheet HTML 68Page - ESS Technology,Inc ES9820Q Datasheet HTML 69Page - ESS Technology,Inc ES9820Q Datasheet HTML 70Page - ESS Technology,Inc ES9820Q Datasheet HTML 71Page - ESS Technology,Inc ES9820Q Datasheet HTML 72Page - ESS Technology,Inc ES9820Q Datasheet HTML 73Page - ESS Technology,Inc ES9820Q Datasheet HTML 74Page - ESS Technology,Inc ES9820Q Datasheet HTML 75Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 117 page
background image
•
CONFIDENTIAL ADVANCE INFORMATION 0.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
71
ES9820 Product Datasheet
GPIO Registers
Register 74: GPIO1/2 CONFIG
Bits
[7:4]
[3:0]
Default
4'd0
4'd0
Bits
Mnemonic
Description
[7:4]
GPIO2_CFG
Configure GPIO2
GPIO Function Selection
•
4'd0 - Analog outputs off - shutdown (default)
•
4'd1 - Aux inputs - input
•
4'd2 - Aux outputs - output
•
4'd3 - RESERVED
•
4'd4 - Interrupt Ch1 clip - output
•
4'd5 - Interrupt Ch2 clip - output
•
4'd6 - Reserved
•
4'd7 - Reserved
•
4'd8 - SPDIF data output - output
•
4'd9 - Output PWM1 - output
•
4'd10 - Output PWM2 - output
•
4'd11 - Output PWM3 - output
•
4'd12 - CLK_IADC - output
•
4'd13 - CLK_ADC - output
•
4'd14 - Output 0 - output
•
4'd15 - Output 1 - output
[3:0]
GPIO1_CFG
Configure GPIO1
GPIO Function Selection
•
4'd0 - Analog outputs off - shutdown (default)
•
4'd1 - Aux inputs - input
•
4'd2 - Aux outputs - output
•
4'd3 - RESERVED
•
4'd4 - Interrupt Ch1 clip - output
•
4'd5 - Interrupt Ch2 clip - output
•
4'd6 - Reserved
•
4'd7 - Reserved
•
4'd8 - SPDIF data output - output
•
4'd9 - Output PWM1 - output
•
4'd10 - Output PWM2 - output
•
4'd11 - Output PWM3 - output
•
4'd12 - CLK_IADC - output
•
4'd13 - CLK_ADC - output
•
4'd14 - Output 0 - output
•
4'd15 - Output 1 - output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com