Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9820Q Datasheet(PDF) 13 Page - ESS Technology,Inc

Part # ES9820Q
Description  32-bit High-Performance 2-Channel ADC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9820Q Datasheet(HTML) 13 Page - ESS Technology,Inc

Back Button ES9820Q Datasheet HTML 9Page - ESS Technology,Inc ES9820Q Datasheet HTML 10Page - ESS Technology,Inc ES9820Q Datasheet HTML 11Page - ESS Technology,Inc ES9820Q Datasheet HTML 12Page - ESS Technology,Inc ES9820Q Datasheet HTML 13Page - ESS Technology,Inc ES9820Q Datasheet HTML 14Page - ESS Technology,Inc ES9820Q Datasheet HTML 15Page - ESS Technology,Inc ES9820Q Datasheet HTML 16Page - ESS Technology,Inc ES9820Q Datasheet HTML 17Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 117 page
background image
•
CONFIDENTIAL ADVANCE INFORMATION 0.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
13
ES9820 Product Datasheet
GPIO Audio Data Configurations
The following table shows the configurations possible using GPIO#_config Aux Inputs, Aux Outputs on the ES9820.
In certain modes, the data output pins may be re-mapped to GPIO pins 4-6. These scenarios are labeled “[optional]” in the table below. The channel
order may also be changed in these modes. Although it is not denoted in the table, the data output in Slave Mode may also be re-mapped to the
same pins.
GPIO #
1 (AUX Inputs) (Slave
mode)
2 (AUX Outputs) (Master mode)
GPIO1
I2S/TDM in BCK, DSD in
clock
I2S master BCK
TDM master BCK
DSD master
clock out
PDM clock
GPIO2
I2S/TDM in WS
I2S master WS
TDM master WS
GPIO3
I2S out DATA
[optional]5
(default)
TDM out DATA
[optional]5
(default)
DSD out DATA6
PDM out
DATA
GPIO4
TDM cascade data input
Cascade mode for
multiple devices
I2S out DATA
[optional]5
TDM out DATA
[optional]5
DSD out DATA6
PDM out
DATA
GPIO5
I2S decoder data input
I2S out DATA
[optional]5
TDM out DATA
[optional]5
DSD out DATA6
GPIO6
I2S out DATA
[optional]5
TDM out DATA
[optional]5
DSD out DATA6
GPIO7
GPIO8
GPIO9
INTERRUPT (Triggered by either of the 2 channels)
GPIO10
GPIO11
Table 3 - GPIO Audio Data Configurations
5
Using the TDM GPIO Re-mapping Registers, the data may be configured to output GPIO pins 4-6. In order to do this Register 11 [7]:
TDM_GPIO456 must also be enabled.
6
The DSD channel order can be changed via Register 19: DSD_DATA_OUTPUT_MAPPING.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com