Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGA150N33TC Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGA150N33TC
Description  Trench Gate High Speed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA150N33TC Datasheet(HTML) 1 Page - IXYS Corporation

  IXGA150N33TC Datasheet HTML 1Page - IXYS Corporation IXGA150N33TC Datasheet HTML 2Page - IXYS Corporation IXGA150N33TC Datasheet HTML 3Page - IXYS Corporation IXGA150N33TC Datasheet HTML 4Page - IXYS Corporation IXGA150N33TC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250μA, V
GE = 0V
330
V
V
GE(th)
I
C
= 250μA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = 330 V
1
μA
V
GE= 0 V
T
J = 125°C
200 μA
I
GES
V
CE = 0 V, VGE = ±20 V
±100 nA
V
CE(sat)
V
GE = 15V, IC = 75A
1.48
1.8
V
T
J = 125°C
1.49
V
I
C = 150A
1.83
V
T
J = 125°C
1.97
V
Trench Gate High Speed
IGBT
For PDP Applications
DS99757A(09/08)
Features
•International standard packages
•Low V
CE(sat)
- for minimum on-state conduction
losses
•Fast switching
Applications
• PDP Screen Drivers
IXGA150N33TC
IXGQ150N33TC
IXGQ150N33TCD1
V
CES
=
330V
I
CP
=
400A
V
CE(sat)
≤≤≤≤≤ 1.8V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
C = 25°C to 150°C
330
V
V
GEM
Transient
± 30
V
I
C25
T
C
= 25°C, IGBT chip capability
150
A
I
CP
T
J
≤ 150°C, tp < 10 μs
400
A
I
DP
T
J
≤ 150°C, tp < 10 μs
40
A
I
C(RMS)
Lead current limit
75
A
P
C
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10 seconds
260
°C
M
d
Mounting torque (TO-220)(TO-3P)
1.13/10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-3P
5.5
g
150N33TC
150N33TCD1
G = Gate
C
= Collector
E = Emitter
TAB = Collector
TO-3P (IXGQ)
(TAB)
C
G
E
TO-263 (IXGA)
G
E
(TAB)


Similar Part No. - IXGA150N33TC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA15N100C IXYS-IXGA15N100C Datasheet
103Kb / 2P
IGBT Lightspeed Series
IXGA15N120B IXYS-IXGA15N120B Datasheet
59Kb / 2P
HiPerFAST IGBT
IXGA15N120C IXYS-IXGA15N120C Datasheet
68Kb / 2P
HiPerFAST IGBT
More results

Similar Description - IXGA150N33TC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
600 V, 20 A high speed trench gate field-stop IGBT
03-Jun-2013
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
600 V, 30 A high speed trench gate field-stop IGBT
20-Mar-2013
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
600 V, 20 A very high speed trench gate field-stop IGBT
11-Jul-2013
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
600 V, 20 A high speed trench gate field-stop IGBT
06-Jun-2013
logo
IXYS Corporation
IXGA90N33TC IXYS-IXGA90N33TC Datasheet
150Kb / 5P
Trench Gate, High Speed, IGBTs
IXGP24N60C4D1 IXYS-IXGP24N60C4D1 Datasheet
92Kb / 2P
High-Speed PT Trench IGBT
logo
Vishay Siliconix
VS-GT90DA60U VISHAY-VS-GT90DA60U Datasheet
214Kb / 10P
Insulated Gate Bipolar Transistor (High Speed Trench IGBT), 93 A
20-Jul-2021
VS-GT90DA60U VISHAY-VS-GT90DA60U_V01 Datasheet
215Kb / 10P
Insulated Gate Bipolar Transistor (High Speed Trench IGBT), 93 A
20-Jul-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com