Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGA150N33TC Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGA150N33TC
Description  Trench Gate High Speed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA150N33TC Datasheet(HTML) 5 Page - IXYS Corporation

  IXGA150N33TC Datasheet HTML 1Page - IXYS Corporation IXGA150N33TC Datasheet HTML 2Page - IXYS Corporation IXGA150N33TC Datasheet HTML 3Page - IXYS Corporation IXGA150N33TC Datasheet HTML 4Page - IXYS Corporation IXGA150N33TC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2008 IXYS CORPORATION, All rights reserved
IXGQ150N33TCD1 IXGA150N33TC
IXGQ150N33TC
Fig. 13. Resistive Turn-on Rise Time
vs. Junction Temperature
24
25
26
27
28
29
30
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 3.3Ω
VGE = 15V
VCE = 240V
I C = 75A
I C = 37A
Fig. 14. Resistive Turn-on Rise Time
vs. Collector Current
24
25
26
27
28
29
30
31
32
33
34
35
40
45
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
RG = 3.3Ω
VGE = 15V
VCE = 240V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistive Turn-on Switching Times
vs. Gate Resistance
10
20
30
40
50
60
70
80
2
4
6
8
10
12
14
16
18
20
RG - Ohms
16
18
20
22
24
26
28
30
t r
td(on) - - - -
TJ = 125ºC, VGE = 15V
VCE = 240V
I C = 75A
I C = 37A
Fig. 16. Resistive Turn-off Switching Times
vs. Junction Temperature
40
50
60
70
80
90
100
110
120
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
40
43
46
49
52
55
58
61
64
t f
td(off) - - - -
RG = 3.3Ω, VGE = 15V
VCE = 240V
I C = 37A
I C = 75A
Fig. 17. Resistive Turn-off Switching Times
vs. Collector Current
40
50
60
70
80
90
100
110
120
35
40
45
50
55
60
65
70
75
80
85
90
95 100
IC - Amperes
40
44
48
52
56
60
64
68
72
t f
td(off) - - - -
RG = 3.3Ω, VGE = 15V
VCE = 240V
TJ = 125ºC
TJ = 25ºC
Fig. 18. Resistive Turn-off Switching Times
vs. Gate Resistance
70
80
90
100
110
120
130
140
150
2
4
6
8
10
12
14
16
18
20
RG - Ohms
40
60
80
100
120
140
160
180
200
t f
td(off) - - - -
TJ = 125ºC, VGE = 15V
VCE = 240V
I C = 37A
I C = 75A
IXYS REF: G_150N33TC(5G)9-04-08-B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com