Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL90N10F7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL90N10F7
Description  N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL90N10F7 Datasheet(HTML) 5 Page - STMicroelectronics

  STL90N10F7 Datasheet HTML 1Page - STMicroelectronics STL90N10F7 Datasheet HTML 2Page - STMicroelectronics STL90N10F7 Datasheet HTML 3Page - STMicroelectronics STL90N10F7 Datasheet HTML 4Page - STMicroelectronics STL90N10F7 Datasheet HTML 5Page - STMicroelectronics STL90N10F7 Datasheet HTML 6Page - STMicroelectronics STL90N10F7 Datasheet HTML 7Page - STMicroelectronics STL90N10F7 Datasheet HTML 8Page - STMicroelectronics STL90N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Figure 7. Capacitance variations
C
1500
1000
500
0
0
20
VDS(V)
(pF)
80
Ciss
Coss
Crss
40
60
2500
2000
3000
3500
AM18093v1
Figure 8. Normalized gate threshold voltage vs
temperature
VGS(th)
0.6
0.4
0.2
0
-55
-5
TJ(°C)
(norm)
0.8
45
95
ID=250µA
145
1.0
1.2
AM18094v1
Figure 9. Normalized on-resistance vs temperature
RDS(on)
TJ(°C)
(norm)
-55
-5
45
95
145
1.5
1.0
0.5
0
2.0
VGS=10V
AM18095v1
Figure 10. Normalized V(BR)DSS vs temperature
V(BR)DSS
TJ(°C)
(norm)
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
ID=250µA
1.04
-55
-5
45
95
145
AM18096v1
Figure 11. Source-drain diode forward characteristics
VSD
5
15
ISD(A)
(V)
10
20
25
0.5
0.6
0.7
0.8
Tj=-55°C
Tj=175°C
Tj=25°C
0.9
30
AM18097v1
STL90N10F7
Electrical characteristics (curves)
DS9621 - Rev 7
page 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com