Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL90N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL90N10F7
Description  N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL90N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL90N10F7 Datasheet HTML 1Page - STMicroelectronics STL90N10F7 Datasheet HTML 2Page - STMicroelectronics STL90N10F7 Datasheet HTML 3Page - STMicroelectronics STL90N10F7 Datasheet HTML 4Page - STMicroelectronics STL90N10F7 Datasheet HTML 5Page - STMicroelectronics STL90N10F7 Datasheet HTML 6Page - STMicroelectronics STL90N10F7 Datasheet HTML 7Page - STMicroelectronics STL90N10F7 Datasheet HTML 8Page - STMicroelectronics STL90N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PowerFLAT 5x6
AM15540v2
5
6
7
8
1
2
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STL90N10F7
100 V
8 mΩ
70 A
100 W
•
Among the lowest RDS(on) on the market
•
Excellent FoM (figure of merit)
•
Low Crss/Ciss ratio for EMI immunity
•
High avalanche ruggedness
Applications
•
Switching applications
Description
This N-channel Power MOSFET utilizes STripFET F7 technology with an enhanced
trench gate structure that results in very low on-state resistance, while also reducing
internal capacitance and gate charge for faster and more efficient switching.
Product status link
STL90N10F7
Product summary
Order code
STL90N10F7
Marking
90N10F7
Package
PowerFLAT 5x6
Packing
Tape and reel
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET
in a PowerFLAT 5x6 package
STL90N10F7
Datasheet
DS9621 - Rev 7 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STL90N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL90N10F7 STMICROELECTRONICS-STL90N10F7 Datasheet
482Kb / 14P
N-channel 100 V, 0.007 Ω typ., 70 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
March 2015 Rev 4
More results

Similar Description - STL90N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
N-channel 60 V, 2.4 mΩ typ., 140 A STripFET™F7 Power MOSFET in a PowerFLAT™5x6 package
21-Apr-2017
STL90N6F7 STMICROELECTRONICS-STL90N6F7 Datasheet
373Kb / 13P
N-channel 60 V, 0.0046 Ω typ., 90 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
June 2015 Rev 2
STL90N10F7 STMICROELECTRONICS-STL90N10F7 Datasheet
482Kb / 14P
N-channel 100 V, 0.007 Ω typ., 70 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
March 2015 Rev 4
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
861Kb / 18P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
20-Nov-2019
STL90N6F7 STMICROELECTRONICS-STL90N6F7_V01 Datasheet
505Kb / 14P
N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
24-Jan-2020
STLD110N10F7 STMICROELECTRONICS-STLD110N10F7 Datasheet
1Mb / 13P
N-channel 100 V, 5 mΩ typ., 107 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 dual side cooling package
26-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com