Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADFS7124-4 Datasheet(PDF) 4 Page - Analog Devices

Part # ADFS7124-4
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4 Datasheet(HTML) 4 Page - Analog Devices

  ADFS7124-4 Datasheet HTML 1Page - Analog Devices ADFS7124-4 Datasheet HTML 2Page - Analog Devices ADFS7124-4 Datasheet HTML 3Page - Analog Devices ADFS7124-4 Datasheet HTML 4Page - Analog Devices ADFS7124-4 Datasheet HTML 5Page - Analog Devices ADFS7124-4 Datasheet HTML 6Page - Analog Devices ADFS7124-4 Datasheet HTML 7Page - Analog Devices ADFS7124-4 Datasheet HTML 8Page - Analog Devices ADFS7124-4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
Data Sheet
ADFS7124-4
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 93
AVDD = 2.9 V to 3.6 V (full power mode), 2.7 V to 3.6 V (mid and low power mode), IOVDD = 1.65 V to 3.6 V, AVSS = DGND = 0 V, REFINx(+) =
2.5 V, REFINx(−) = AVSS, controller clock = 614.4 kHz, all specifications TMIN to TMAX, unless otherwise noted.
Table 2. Specifications
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
ADC
Output Data Rate, fADC
Low Power Mode
1.17
2400
SPS
Mid Power Mode
2.34
4800
SPS
Full Power Mode
9.38
19,200
SPS
No Missing Codes2
24
Bits
FS3 > 2, sinc4 filter
24
Bits
FS3 > 8, sinc3 filter
Resolution
See the RMS Noise and Resolution section
RMS Noise and Update Rates
See the RMS Noise and Resolution section
Integral Nonlinearity (INL)
−4
±1
+4
ppm of FSR
Gain = 12
−15
±2
+15
ppm of FSR
Gain > 14
Offset Error5
Before Calibration
±15
µV
Gain = 1 to 8
200/gain
µV
Gain = 16 to 128
After Internal Calibration/System Calibration
In order of noise
Offset Error Drift vs. Temperature6
Low Power Mode
10
nV/°C
Gain = 1 or gain > 16
80
nV/°C
Gain = 2 to 8
40
nV/°C
Gain = 16
Mid Power Mode
10
nV/°C
Gain = 1 or gain > 16
40
nV/°C
Gain = 2 to 8
20
nV/°C
Gain = 16
Full Power Mode
10
nV/°C
Gain Error5, 7
Before Internal Calibration
−0.0025
+0.0025
%
Gain = 1, TA = 25°C
−0.3
%
Gain > 1
After Internal Calibration
−0.016
+0.004
+0.016
%
Gain = 2 to 8, TA = 25°C
±0.025
%
Gain = 16 to 128
After System Calibration
In order of noise
Gain Error Drift vs. Temperature
1
2
ppm/°C
Power Supply Rejection
AIN = 1 V/gain, external reference
Low Power Mode
87
dB
Gain = 2 to 16
96
dB
Gain = 1 or gain > 16
Mid Power Mode2
92
dB
Gain = 2 to 16
100
dB
Gain = 1 or gain > 16
Full Power Mode
99
dB
Common-Mode Rejection8
At DC2
85
90
dB
AIN = 1 V, gain = 1
105
115
dB
AIN = 1 V/gain, gain 2 or 4
1029, 2
dB
AIN = 1 V/gain, gain 2 or 4
115
120
dB
AIN = 1 V/gain, gain ≥ 8
1059, 2
dB
AIN = 1 V/gain, gain ≥ 8
Sinc3, Sinc4 Filter2
At 50 Hz, 60 Hz
120
dB
10 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
At 50 Hz
120
dB
50 SPS, 50 Hz ± 1 Hz
At 60 Hz
120
dB
60 SPS, 60 Hz ± 1 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com