Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADFS7124-4 Datasheet(PDF) 92 Page - Analog Devices

Part # ADFS7124-4
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADFS7124-4 Datasheet HTML 85Page - Analog Devices ADFS7124-4 Datasheet HTML 86Page - Analog Devices ADFS7124-4 Datasheet HTML 87Page - Analog Devices ADFS7124-4 Datasheet HTML 88Page - Analog Devices ADFS7124-4 Datasheet HTML 89Page - Analog Devices ADFS7124-4 Datasheet HTML 90Page - Analog Devices ADFS7124-4 Datasheet HTML 91Page - Analog Devices ADFS7124-4 Datasheet HTML 92Page - Analog Devices ADFS7124-4 Datasheet HTML 93Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 92 / 93 page
background image
Data Sheet
ADFS7124-4
ON-CHIP REGISTERS
analog.com
Rev. 0 | 92 of 93
OFFSET REGISTERS
RS[5:0] = 1, 0, 1, 0, 0, 1 to 1, 1, 0, 0, 0, 0
Power-On/Reset = 0x800000
The ADFS7124-4 has eight offset registers, OFFSET_0 to OFFSET_7. Each offset register is associated with a setup; OFFSET_x is associated
with Setup x. The offset registers are 24-bit registers and hold the offset calibration coefficient for the ADC and its power-on reset value is
0x800000. Each of these registers is a read/write register. These registers are used in conjunction with the associated gain register to form a
register pair. The power-on reset value is automatically overwritten if an internal or system zero-scale calibration is initiated. The ADC must be
placed in the standby mode or idle mode when writing to the offset registers.
GAIN REGISTERS
RS[5:0] = 1, 1, 0, 0, 0, 1 to 1, 1, 1, 0, 0, 0
Power-On/Reset = 0x5XXXXX
The ADFS7124-4 has eight gain registers, GAIN_0 to GAIN_7. Each gain register is associated with a setup; GAIN_x is associated with Setup
x. The gain registers are 24-bit registers and hold the full-scale calibration coefficient for the ADC. The ADFS7124-4 is factory calibrated
to a gain of 1. The gain register contains this factory generated value on power-on and after a reset. The gain registers are read/write
registers. However, when writing to the registers, the ADC must be placed in the standby mode or idle mode. The default value is automatically
overwritten if an internal or system full-scale calibration is initiated or the full-scale registers are written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com