Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADFS7124-4 Datasheet(PDF) 83 Page - Analog Devices

Part # ADFS7124-4
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADFS7124-4 Datasheet HTML 79Page - Analog Devices ADFS7124-4 Datasheet HTML 80Page - Analog Devices ADFS7124-4 Datasheet HTML 81Page - Analog Devices ADFS7124-4 Datasheet HTML 82Page - Analog Devices ADFS7124-4 Datasheet HTML 83Page - Analog Devices ADFS7124-4 Datasheet HTML 84Page - Analog Devices ADFS7124-4 Datasheet HTML 85Page - Analog Devices ADFS7124-4 Datasheet HTML 86Page - Analog Devices ADFS7124-4 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 93 page
background image
Data Sheet
ADFS7124-4
ON-CHIP REGISTERS
analog.com
Rev. 0 | 83 of 93
Table 67. Operating Modes (Continued)
Mode Value Description
full-scale error. Select only one channel when full-scale calibration is being performed. The ADFS7124-4 is factory calibrated at a gain of 1. Further internal
full-scale calibrations at a gain of 1 are not supported. An internal full-scale calibration (gain > 1) takes a time of four settling periods.
Internal full-scale calibrations cannot be performed in the full power mode. So, if using the full-power mode, select mid or low power mode for the internal
full-scale calibration. This calibration is valid in the full power mode as the same reference and gain are used. When performing internal zero-scale and internal
full-scale calibrations, the internal full-scale calibration must be performed before the internal zero-scale calibration. Therefore, write 0x800000 to the offset
register before performing any internal full-scale calibration, which resets the offset register to its default value.
0111
System zero-scale (offset) calibration. Connect the system zero-scale input to the channel input pins of the selected channel. RDY goes high when the
calibration is initiated and returns low when the calibration is complete. The ADC is placed in the idle mode following a calibration. The measured offset
coefficient is placed in the offset register of the selected channel. A system zero-scale calibration is required each time the gain of a channel is changed. Select
only one channel when full-scale calibration is being performed. A system zero-scale calibration takes a time of one settling period to be performed.
1000
System full-scale (gain) calibration. Connect the system full-scale input to the channel input pins of the selected channel. RDY goes high when the calibration
is initiated and returns low when the calibration is complete. The ADC is placed in the idle mode following a calibration. The measured full-scale coefficient is
placed in the gain register of the selected channel. A full-scale calibration is required each time the gain of a channel is changed. Select only one channel when
full-scale calibration is being performed. A system full-scale calibration takes a time of one settling period to be performed.
1001 to1111 Reserved.
DATA REGISTER
RS[5:0] = 0, 0, 0, 0, 1, 0
Power-On/Reset = 0x000000
The conversion result from the ADC is stored in this data register. This is a read-only register. On completion of a read operation from this
register, the RDY bit/pin is set.
IO_CONTROL_1 REGISTER
RS[5:0] = 0, 0, 0, 0, 1, 1 Power-On/Reset = 0x000000
Table 68 outlines the bit designations for the register. Bit 23 is the first bit of the data stream. The number in parentheses indicates the
power-on/reset default status of that bit.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GPIO_DAT2 (0)
GPIO_DAT1 (0)
0 (0)
0 (0)
GPIO_CTRL2 (0)
GPIO_CTRL1 (0)
0 (0)
0 (0)
PDSW (0)
0 (0)
IOUT1 (0)
IOUT0 (0)
IOUT1_CH (0)
IOUT0_CH (0)
Table 68. IO_CONTROL_1 Register Bit Descriptions
Bits
Bit Name
Description
23
GPIO_DAT2
Digital Output P2. When GPIO_CTRL2 is set, the GPIO_DAT2 bit sets the value of the P2 general-purpose output pin. When
GPIO_DAT2 is high, the P2 output pin is high. When GPIO_DAT2 is low, the P2 output pin is low.
22
GPIO_DAT1
Digital Output P1. When GPIO_CTRL1 is set, the GPIO_DAT1 bit sets the value of the P1 general-purpose output pin. When
GPIO_DAT1 is high, the P1 output pin is high. When GPIO_DAT1 is low, the P1 output pin is low.
21, 20
0
This bit must be programmed with a Logic 0 for correct operation.
19
GPIO_CTRL2
Digital Output P2 enable. When GPIO_CTRL2 is set, the digital output P2 is active. When GPIO_CTRL2 is cleared, the pin
functions as an analog input, AIN3.
18
GPIO_CTRL1
Digital Output P1 enable. When GPIO_CTRL1 is set, the digital output P1 is active. When GPIO_CTRL1 is cleared, the pin
functions as an analog input, AIN2.
17, 16
0
This bit must be programmed with a Logic 0 for correct operation.
15
PDSW
Bridge power-down switch control bit. Set this bit to close the bridge power-down switch PDSW to AGND. The switch can sink up
to 30 mA. Clear this bit to open the bridge power-down switch. When the ADC is placed in standby mode, the bridge power-down
switch remains active.
14
0
This bit must be programmed with a Logic 0 for correct operation.
13:11
IOUT1
These bits set the value of the excitation current for IOUT1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com