Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8901F Datasheet(PDF) 4 Page - AUK corp

Part # TMF8901F
Description  Si RF LDMOS Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

TMF8901F Datasheet(HTML) 4 Page - AUK corp

  TMF8901F Datasheet HTML 1Page - AUK corp TMF8901F Datasheet HTML 2Page - AUK corp TMF8901F Datasheet HTML 3Page - AUK corp TMF8901F Datasheet HTML 4Page - AUK corp TMF8901F Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Power Gain, Drain Efficiency
vs. Drain Voltage
Output Power vs. Input Power
Drain Current vs. Input Power
2345
678
10
11
12
13
14
15
16
17
18
50
55
60
65
70
Drain Voltage, V
DS
(V)
f = 470 MHz
I
idle
= 200 mA
P
IN
= 20 dBm
η
D
G
P
0
5
10
15
20
25
5
10
15
20
25
30
35
40
V
DS
= 4.5 V
V
DS
= 3.6 V
V
DS
= 6 V
f = 470 MHz
I
idle
= 200 mA
Input Power, P
IN
(dBm)
0
5
10
15
20
25
0
100
200
300
400
500
600
700
800
900
1000
1100
V
DS
= 4.5 V
V
DS
= 3.6 V
V
DS
= 6.0 V
f = 470 MHz
I
idle
= 200 mA
Input Power, P
IN
(dBm)
0
50
100
150
200
250
300
8
9
10
11
12
13
14
15
16
17
18
50
52
54
56
58
60
62
64
66
68
70
Drain Idle Current, I
idle
(mA)
f = 470 MHz
P
IN
= 20 dBm
V
DS
= 4.5 V
η
D
G
P
Power Gain, Drain Efficiency
vs. Drain Current
TMF8901F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com