Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8901F Datasheet(PDF) 5 Page - AUK corp

Part # TMF8901F
Description  Si RF LDMOS Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

TMF8901F Datasheet(HTML) 5 Page - AUK corp

  TMF8901F Datasheet HTML 1Page - AUK corp TMF8901F Datasheet HTML 2Page - AUK corp TMF8901F Datasheet HTML 3Page - AUK corp TMF8901F Datasheet HTML 4Page - AUK corp TMF8901F Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
0
5
10
15
20
25
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
f = 470 MHz
I
idle
= 50 mA
V
DS
= 6.0 V
P
OUT
Input Power, P
IN
(dBm)
G
P
η
D
Output Power, Power Gain, Drain Efficiency
vs. Input Power
□ Test Circuit Schematic Diagram
R2
R=56 Ohm
C9
C=2.2 nF
C3
C=18 pF
T M F8901F
C2
C=24 pF
TL2
L=15 m m
W=1.37 m m
Subst="M Sub1"
TL1
L=22 m m
W=1.37 m m
Subst="M Sub1"
C4
C=2.2 nF
C8
C=100 nF
C7
C=10 nF
C6
C=100 nF
C1
C=2.2 nF
VDD
VGG
R1
R=6.8 kOhm
C5
C=10 nF
L2
R=
L=100 nH
L1
M odel=0.4x2.0x6T
P_OUT
P_IN
Test Board : 0.8mm FR4 glass epoxy
0
5
10
15
20
25
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
f = 470 MHz
I
idle
= 200 mA
V
DS
= 3.6 V
P
OUT
Input Power, P
IN
(dBm)
G
P
η
D
TMF8901F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com