Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8901F Datasheet(PDF) 1 Page - AUK corp

Part # TMF8901F
Description  Si RF LDMOS Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

TMF8901F Datasheet(HTML) 1 Page - AUK corp

  TMF8901F Datasheet HTML 1Page - AUK corp TMF8901F Datasheet HTML 2Page - AUK corp TMF8901F Datasheet HTML 3Page - AUK corp TMF8901F Datasheet HTML 4Page - AUK corp TMF8901F Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
□ Features
- Power gain
G
P = 12.5 dB at VDS = 4.5 V, IDset = 200 mA, f = 470 MHz
- Output power
P
OUT = 32 dBm at VDS = 4.5 V, IDset = 200 mA, f = 470 MHz
- Drain efficiency
η
D = 60 % (typ.)
□ Applications
- VHF and UHF wide band amplifier
SOT-89
□ Absolute Maximum Ratings (T
A = 25 ℃)
Pin Configuration
1. Gate
2. Source
3. Drain
4. Source
Unit in mm
Drain to Source Voltage
Gate to Source Voltage
Drain Current
Total Power Dissipation
Channel Temperature
Storage Temperature
150
℃
W
Unit
VDS
13.0
V
Parameter
Symbol
Ptot
3
Ratings
℃
Tstg
-65 ~ 150
V
ID
1.2
A
VGS
4.0
Tch
4
□ Marking
8901
1
2
3
4
TMF8901F
Si RF LDMOS Transistor
Semiconductor


Similar Part No. - TMF8901F

ManufacturerPart #DatasheetDescription
logo
AUK corp
TMF8901B AUK-TMF8901B Datasheet
221Kb / 5P
Si RF LDMOS Transistor
More results

Similar Description - TMF8901F

ManufacturerPart #DatasheetDescription
logo
AUK corp
TMF8901B AUK-TMF8901B Datasheet
221Kb / 5P
Si RF LDMOS Transistor
logo
Polyfet RF Devices
L2821 POLYFET-L2821_14 Datasheet
64Kb / 2P
RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P_14 Datasheet
53Kb / 2P
RF POWER LDMOS TRANSISTOR
L88016 POLYFET-L88016_14 Datasheet
59Kb / 2P
RF POWER LDMOS TRANSISTOR
LB501 POLYFET-LB501_14 Datasheet
62Kb / 2P
RF POWER LDMOS TRANSISTOR
LC801 POLYFET-LC801_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LK702 POLYFET-LK702_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
LP821 POLYFET-LP821_14 Datasheet
61Kb / 2P
RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com