Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2262AIPW Datasheet(PDF) 11 Page - STMicroelectronics

Part # TLV2262AIPW
Description  ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLV2262AIPW Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TLV2262AIPW Datasheet HTML 7Page - STMicroelectronics TLV2262AIPW Datasheet HTML 8Page - STMicroelectronics TLV2262AIPW Datasheet HTML 9Page - STMicroelectronics TLV2262AIPW Datasheet HTML 10Page - STMicroelectronics TLV2262AIPW Datasheet HTML 11Page - STMicroelectronics TLV2262AIPW Datasheet HTML 12Page - STMicroelectronics TLV2262AIPW Datasheet HTML 13Page - STMicroelectronics TLV2262AIPW Datasheet HTML 14Page - STMicroelectronics TLV2262AIPW Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2264I electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise
noted) (continued)
PARAMETER
TEST CONDITIONS
TA†
TLV2264I
TLV2264AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IDD
Supply current
(four amplifiers)
VO = 1.5 V,
No load
25
°C
0.8
1
0.8
1
mA
IDD
Supply current
(four amplifiers)
VO = 1.5 V,
No load
Full range
1
1
mA
† Full range is − 40°C to 125°C.
TLV2264I operating characteristics at specified free-air temperature, VDD = 3 V
PARAMETER
TEST CONDITIONS
TA†
TLV2264I
TLV2264AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
25
°C
0.35
0.55
0.35
0.55
Slew rate at unity
VO = 0.7 V to 1.7 V, RL = 50 kه,
25
°C
0.35
0.55
0.35
0.55
SR
Slew rate at unity
gain
VO = 0.7 V to 1.7 V,
CL = 100 pF‡
RL = 50 kه,
Full
0.3
0.3
V/
µs
SR
gain
CL = 100 pF‡
Full
range
0.3
0.3
V/
µs
Vn
Equivalent input
f = 10 Hz
25
°C
43
43
nV/
√Hz
Vn
Equivalent input
noise voltage
f = 1 kHz
25
°C
12
12
nV/
√Hz
VN(PP)
Peak-to-peak
equivalent input
f = 0.1 Hz to 1 Hz
25
°C
0.6
0.6
V
VN(PP)
equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1
1
µV
In
Equivalent input
noise current
25
°C
0.6
0.6
fA /
√Hz
THD + N
Total harmonic
distortion plus
VO = 0.5 V to 2.5 V,
f = 20 kHz,
AV = 1
25
°C
0.03%
0.03%
THD + N
distortion plus
noise
O
f = 20 kHz,
RL = 50 kΩ ‡
AV = 10
25
°C
0.05%
0.05%
Gain-bandwidth
f = 1 kHz,
RL = 50 kΩ ‡,
25
°C
0.67
0.67
MHz
Gain-bandwidth
product
f = 1 kHz,
CL = 100 pF ‡
RL = 50 kΩ ‡,
25
°C
0.67
0.67
MHz
BOM
Maximum
output-swing
VO(PP) = 1 V,
‡,
AV = 1,
‡
25
°C
395
395
kHz
BOM
output-swing
bandwidth
VO(PP) = 1 V,
RL = 50 kΩ ‡,
AV = 1,
CL = 100 pF ‡
25
°C
395
395
kHz
AV = −1,
To 0.1%
5.6
5.6
ts
Settling time
AV = −1,
Step = 1 V to 2 V,
‡,
To 0.1%
25
°C
5.6
5.6
s
ts
Settling time
Step = 1 V to 2 V,
RL = 50 kΩ ‡,
C = 100 pF ‡
To 0.01%
25
°C
12.5
12.5
µs
RL = 50 kΩ ‡,
CL = 100 pF ‡
To 0.01%
12.5
12.5
φm
Phase margin at
unity gain
RL = 50 kه,
CL = 100 pF ‡
25
°C
55
°
55
°
Gain margin
RL = 50 kه,
CL = 100 pF ‡
25
°C
11
11
dB
† Full range is − 40°C to 125°C.
‡ Referenced to 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com