Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2262AIPW Datasheet(PDF) 36 Page - STMicroelectronics

Part # TLV2262AIPW
Description  ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLV2262AIPW Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TLV2262AIPW Datasheet HTML 32Page - STMicroelectronics TLV2262AIPW Datasheet HTML 33Page - STMicroelectronics TLV2262AIPW Datasheet HTML 34Page - STMicroelectronics TLV2262AIPW Datasheet HTML 35Page - STMicroelectronics TLV2262AIPW Datasheet HTML 36Page - STMicroelectronics TLV2262AIPW Datasheet HTML 37Page - STMicroelectronics TLV2262AIPW Datasheet HTML 38Page - STMicroelectronics TLV2262AIPW Datasheet HTML 39Page - STMicroelectronics TLV2262AIPW Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 52
0
02
4
6
250
750
t − Time − s
INPUT NOISE VOLTAGE OVER
A 10-SECOND PERIOD†
1000
810
500
− 250
− 500
− 750
− 1000
VDD = 5 V
f = 0.1 Hz
to 10 Hz
TA = 25°C
Figure 53
0.1
f − Frequency − Hz
INTEGRATED NOISE VOLTAGE
vs
FREQUENCY
1
10
100
110 1
10 2
10 3
10 4
10 5
Calculated Using Ideal Pass-Band Filter
Lower Frequency = 1 Hz
TA = 25°C
Figure 54
f − Frequency − Hz
TOTAL HARMONIC DISTORTION PLUS NOISE†
vs
FREQUENCY
10 −1
10 −2
10 −3
10 1
10 2
10 3
10 4
10 4
A V = 100
A V = 10
A V = 1
VDD = 5 V
RL = 50 kΩ
TA = 25°C
Figure 55
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
820
780
740
700
02
3
5
860
900
78
14
6
† For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com